Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13783 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13783
Description  Power Management and Audio Circuit
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13783 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13783 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13783 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Signal Descriptions
MC13783 Technical Data, Rev. 3.5
6
Freescale Semiconductor
1.5
Miscellaneous Functions
The drivers and comparators for a USB On-the-Go and a CEA-936-A compatible USB carkit including
audio routing, as well as RS232 interfaces are provided. Special precautions are taken to allow for specific
booting and accessory detection modes.
Current sources are provided to drive tricolored funlights and signaling LEDs. The funlights have
preprogrammed lighting patterns. The wide programmability of the tricolored LED drivers allows for
applications such as audio modulation. Three backlight drivers with auto dimming are included as well for
keypad and dual display backlighting.
A dedicated interface in combination with the A to D converter allow for precise resistive touchscreen
reading. Pen touch wake up is included.
2
Signal Descriptions
The below pinout description gives the pin name per functional block with its row-column coordinates, its
maximum voltage rating, and a functional description.
Table 1. Pinout Listing
Pin
Location
Rating*
Function
Charger
CHRGRAW
A18
A19
B19
EHV
1. Charger input
2. Output to battery supplied accessories
CHRGCTRL
C18
EHV
Driver output for charger path FETs M1 and M2
BPFET
B15
EHV
1. Driver output for dual path regulated BP FET M4
2. Driver output for separate USB charger path FETs M5 and M6
CHRGISNSP
B17
MV
Charge current sensing point 1
CHRGISNSN
C14
MV
Charge current sensing point 2
BP
B13
MV
1. Application supply point
2. Input supply to the MC13783 core circuitry
3. Application supply voltage sense
BATTFET
A12
MV
Driver output for battery path FET M3
BATTISNS
A14
MV
Battery current sensing point 1
BATT
D15
MV
1. Battery positive terminal
2. Battery current sensing point 2
3. Battery supply voltage sense
CHRGMOD0
D17
LV
Selection of the mode of charging
CHRGMOD1
A16
LV
Selection of the mode of charging
* The maximum voltage rating is given per category of pins:
• EHV for Extended High Voltage (20 V)
• HV for High Voltage (7.5 V)
• EMV for Extended Medium Voltage (5.5 V)
• MV for Medium Voltage (4.65 V)
• LV for Low Voltage (3.1 V)


Similar Part No. - MC13783

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Similar Description - MC13783

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783_09 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com