Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX2019FNL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # HX2019FNL
Description  100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX2019FNL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  HX2019FNL Datasheet HTML 1Page - Pulse A Technitrol Company HX2019FNL Datasheet HTML 2Page - Pulse A Technitrol Company HX2019FNL Datasheet HTML 3Page - Pulse A Technitrol Company HX2019FNL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H329.B (06/13)
1
pulseelectronics.com
100Base-TX Single Port
Surface Mount Magnetics
with PoE* Option and 1:1 Turns Ratios
*Power over Ethernet
RoHS peak reflow temperature rating: 245°C
Meets IEEE 802.3 specification
Compact footprint for use in the most space-
restrictive applications
H1102FNL, HX1188FNL, HX1198NL, H1197FNL, H1260FNL, HX1260FNL, H2019FNL, HX2019FNL
Mechanical
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to 70°C
Part Number
Turns Ratio
Insertion Loss
100 kHz-100
MHz
(dB MAX)
Return Loss
(dB TYP)
Crosstalk
(dB TYP)
Hipot
(Vrms MIN)
TX
RX
30 MHz
60 MHz
80 MHz
30 MHz
50 MHz
100 MHz
30 MHz
60 MHz
100 MHz
H1102FNL
1:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
1500
HX1188FNL
1:1
1:1
-1.0
-20
-14
-12
-42
-37
-32
-45
-40
-35
1500
HX1198FNL
1:1
1:1
-1.0
-20
-14
-12
-42
-37
-32
-45
-40
-35
1500
H1197FNL
1:1
1:1
-1.2
-16
-14
-12
-42
-37
-33
-45
-40
-35
1500
H1260FNL
1:1
1:1
-1.1
-16
-14
-12
-43
-37
-33
-35
-40
-35
1500
HX1260FNL
1:1
1:1
-1.1
-16
-14
-12
-43
-37
-33
-45
-40
-35
1500
H2019FNL
1:1
1:1
-1.2
-16
-14
-12
-43
-37
-33
-45
-40
-35
1500
HX2019FNL
1:1
1:1
-1.4
-16
-14.4
-12
-43
-37
-33
-45
-40
-35
1500
1. Operating temperature -40°C to +85°C
2. For Tape & Reel packaging, add a “T” suffix at the end of the part number when ordering, e.g. H1102FNLT.
3. MSL = Moisture Sensitivity Level a=1 b=2 c=3 d=4
4. Suitable for Aut-MDIX applications
5. PoE (IEEE 802.3af/ANSI X3.263 compliant)
Differential to Common
Mode Rejection
(dB TYP)
3a, 4
2
1, 3a, 4
1, 3a, 4
3a, 4
3a, 4
1, 3a, 4
3a, 5
1, 3a, 5
Dimensions:
Unless otherwise specified, all tolerances are in inches. Tolerances are:
DECIMALS
ANGLES
.XX
±0.1
±1�
.XXX
±.005
Weight .....................0.9 grams
Tube .............................40/tube
Tape & Reel ................600/reel
Inches
mm
RECOMMENDED LAND PATTERN
.240
6,09
.400
10,16
16X .030
406,4X 0,76
7X .050 (=.350)
177,8X 1,30 (=8,89)
(.050)
(1,27)
16X .012
406,4X 0,30
(.050)
(1,27)
7X .050 (=.350)
177,8X 1,27 (=8,89)
.236
6,00
.268
6,80
.380
9,53
.500±.006
12,70±0,15
.004
16 SURFACES
MAX
.346
8,79
.270
6,86
<REF>
Date Code Country of Origin
HXXXXFNL/HX2019FNL


Similar Part No. - HX2019FNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX2019FNL PULSE-HX2019FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
HX2019FNL PULSE-HX2019FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
HX2019FNL PULSE-HX2019FNL_14 Datasheet
455Kb / 3P
   MDL,SIN,100P,1:1,SM,TU
More results

Similar Description - HX2019FNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1197FNL PULSE-H1197FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
HX2019FNL PULSE-HX2019FNL Datasheet
503Kb / 4P
   100Base-TX Single Port Surface Mount Magnetics with PoE Option and 1 1 Turns Ratios
H1260NL PULSE-H1260NL Datasheet
969Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
H1259NL PULSE-H1259NL Datasheet
866Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
HX1260NLT PULSE-HX1260NLT Datasheet
973Kb / 6P
   Star Magnetics??10/100BASE-T Transformer Modules with PoE* Option and 1:1 Turns Ratios
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
H1012T PULSE-H1012T Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H303 PULSE-H303 Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1028NLT PULSE-H1028NLT Datasheet
580Kb / 4P
   For Use with Transceivers Requiring 1:1 Transmit and Receive Turns Ratios
logo
List of Unclassifed Man...
LF-H60E ETC1-LF-H60E Datasheet
32Kb / 1P
   10/100BASE-TX SINGLE PORT MAGNETICS MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com