Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL6448AC33-18A Datasheet(PDF) 13 Page - NEC

Part # NL6448AC33-18A
Description  26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL6448AC33-18A Datasheet(HTML) 13 Page - NEC

Back Button NL6448AC33-18A Datasheet HTML 9Page - NEC NL6448AC33-18A Datasheet HTML 10Page - NEC NL6448AC33-18A Datasheet HTML 11Page - NEC NL6448AC33-18A Datasheet HTML 12Page - NEC NL6448AC33-18A Datasheet HTML 13Page - NEC NL6448AC33-18A Datasheet HTML 14Page - NEC NL6448AC33-18A Datasheet HTML 15Page - NEC NL6448AC33-18A Datasheet HTML 16Page - NEC NL6448AC33-18A Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NL6448AC33-18A
13
Data Sheet EN0497EJ1V0DS00
b) DE mode
12
(Note: Y = 0 to 479)
1
CLK
Hsync
thb
1CLK
640CLK (fixed)
thf
INVALID
INVALID
D (0, Y) D (1, Y)
D (638, Y) D (639, Y)
INVALID
R0 - R5
G0 - G5
B0 - B5
3
2
1
tvb
Hsync
Vsync
1H
480H (fixed)
1
DE
D (X, 0)
D (X, Y)
D (X, 479)
INVALID
(Note: X = 0 to 639)
INVALID
D (0, Y) D (1, Y)
D (X, Y)
D (639, Y)
INVALID
R0 - R5
G0 - G5
B0 - B5
R0 - R5
G0 - G5
B0 - B5
thp
DE
DE
tvp
tvf
144 145
784 785
800


Similar Part No. - NL6448AC33-18A

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
logo
GSR Technology Ltd
NL6448AC33-97D GSR-NL6448AC33-97D Datasheet
281Kb / 2P
   TFT Modules
NL6448AC33-A0D GSR-NL6448AC33-A0D Datasheet
321Kb / 2P
   TFT Modules
NL6448AC33-A1D GSR-NL6448AC33-A1D Datasheet
321Kb / 2P
   TFT Modules
More results

Similar Description - NL6448AC33-18A

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
logo
WAGO Kontakttechnik Gmb...
762-3104-000-001 WAGO-762-3104-000-001 Datasheet
252Kb / 6P
   Control Panel; 26.4 cm (10.4"); 640 x 480 pixels; Target Visualization
logo
NEC
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
NEC
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
logo
Schneider Electric
HMIGTO5315 SCHNEIDER-HMIGTO5315 Datasheet
180Kb / 8P
   Advanced touchscreen panel, Harmony GTO, stainless 640 x 480 pixels VGA, 10.4
Apr 27, 2022
HMIGTO5310 SCHNEIDER-HMIGTO5310 Datasheet
197Kb / 8P
   advanced touchscreen panel 640 x 480 pixels VGA- 10.4" TFT - 96 MB
Aug 11, 2019
logo
NEC
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL8060AC26-11 NEC-NL8060AC26-11 Datasheet
136Kb / 18P
   26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com