Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM658512ALRR-7V Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM658512ALRR-7V
Description  4 M PSRAM (512-kword x 8-bit) 2 k Refresh
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM658512ALRR-7V Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM658512ALRR-7V Datasheet HTML 5Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 6Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 7Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 8Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 9Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 10Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 11Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 12Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HM658512A Series
9
DC Characteristics (Ta = 0 to +70°C, V
CC = 5 V ± 10 %, VSS = 0 V)
Parameter
Symbol Min
Typ
Max Unit Test conditions
Notes
Operating power supply current I
CC1
75
mA
I
I/O = 0 mA
t
cyc = min
Standby power supply current
I
SB1
12mA
CE = V
IH , Vin ≥ 0 V
OE/RFSH = V
IH
I
SB2
20
200
µA
CE
≥ V
CC – 0.2 V, Vin ≥ 0 V,
OE/RFSH
≥ V
CC – 0.2 V
1
100
µA
CE
≥ V
CC – 0.2 V, Vin ≥ 0 V,
OE/RFSH
≥ V
CC – 0.2 V
2
Operating power supply current
in self refresh mode
I
CC2
12mA
CE = V
IH , Vin ≥ 0 V,
OE/RFSH = V
IL
I
CC3
70
200
µA
CE
≥ V
CC – 0.2 V, Vin ≥ 0 V,
OE/RFSH
≤ 0.2 V
1
40
100
µA
CE
≥ V
CC – 0.2 V, Vin ≥ 0 V,
OE/RFSH
≤ 0.2 V
2
Input leakage current
I
LI
–10
10
µAV
CC = 5.5 V, Vin = VSS to V CC
Output leakage current
I
LO
–10
10
µA
OE/RFSH = V
IH
V
I/O = VSS to V CC
Output voltage
V
OL
0.4
V
I
OL = 2.1 mA
V
OH
2.4
V
I
OH = –1 mA
Notes: 1. Only for L-version.
2. Only for V-version.
Capacitance (Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Typ
Max
Unit
Test conditions
Input capacitance
C
in
8
pF
V
in = 0 V
Input /output capacitance
C
I/O
—10
pF
V
I/O = 0 V
Note : This parameter is sampled and not 100% tested.


Similar Part No. - HM658512ALRR-7V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65-100LF ETC2-HM65-100LF Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65-100LF BITECH-HM65-100LF Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM658512ALRR-7V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com