Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM658512ALRR-7V Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM658512ALRR-7V
Description  4 M PSRAM (512-kword x 8-bit) 2 k Refresh
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM658512ALRR-7V Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM658512ALRR-7V Datasheet HTML 2Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 3Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 4Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 5Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 6Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 7Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 8Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 9Page - Hitachi Semiconductor HM658512ALRR-7V Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
HM658512A Series
6
Pin Functions
CE: Chip Enable (Input)
CE is a basic clock. RAM is active when CE is low, and is on standby when CE is high.
A0 to A18: Address Inputs (Input)
A0 to A10 are row addresses and A11 to A18 are column addresses. The entire addresses A0 to A18
are fetched into RAM by the falling edge of
CE.
OE/RFSH: Output Enable/Refresh (Input)
This pin has two functions. Basically it works as
OE when CE is low, and as RFSH when CE is high
(in standby mode). After a read or write cycle finishes, refresh does not start if
CE goes high while
OE/RFSH is held low. In order to start a refresh in standby mode, OE/RFSH must go high to reset the
refresh circuits of the RAM. After the refresh circuits are reset, the refresh starts when
OE/RFSH goes
low.
I/O0 to I/O7: Input/Output (Inputs and Outputs) These pins are data I/O pins.
WE: Write Enable (Input)
RAM is in write mode when
WE is low, and is in read mode when WE is high. I/O data is fetched into
RAM by the rising edge of
WE or CE (earlier timing) and the data is written into memory cells.
Refresh
There are three refresh modes : address refresh, automatic refresh and self refresh.
(1) Address refresh: Data is refreshed by accessing all 2048 row addresses every 32 ms. A read is one
method of accessing those addresses. Each row address (2048 addresses of A0 to A10)must be read at
least once every 32 ms. In address refresh mode,
OE/RFSH can remain high. In this case, the I/O pins
remain at high impedance, but the refresh is done within RAM.
(2) Automatic refresh: Instead of address refresh, automatic refresh can be used. RAM goes to automatic
refresh mode if
OE/RFSH falls while CE is high and it remains low for at least t
FAP. One automatic
refresh cycle is executed by one low pulse of
OE/RFSH. It is not necessary to input the refresh
address from outside since it is generated internally by an on-chip address counter. 2048 automatic
refresh cycles must be done every 32 ms.
(3) Self refresh: Self refresh mode is suitable for data retention by battery. In standby mode, a self refresh
starts automatically when
OE/RFSH stays low for more than 8 µs. Refresh addresses are automatically
specified by the on-chip address counter, and the refresh period is determined by the on-chip timer.
Automatic refresh and self refresh are distinguished from each other by the width of the
OE/RFSH low
pulse in standby mode. If the
OE/RFSH low pulse is wider than 8 µs, RAM becomes into self refresh
mode; if the
OE/RFSH low pulse is less than 8 µs, it is recognized as an automatic refresh instruction.


Similar Part No. - HM658512ALRR-7V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65-100LF ETC2-HM65-100LF Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65-100LF BITECH-HM65-100LF Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM658512ALRR-7V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com