Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD36CA-Q Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ESD36CA-Q
Description  Transient Voltage Suppressor Diodes for ESD Protection (AEC-Q101)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD36CA-Q Datasheet(HTML) 1 Page - Diotec Semiconductor

  ESD36CA-Q_13 Datasheet HTML 1Page - Diotec Semiconductor ESD36CA-Q_13 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESD36CA-Q
ESD36CA-Q
Transient Voltage Suppressor Diodes for ESD Protection (AEC-Q101)
Spannungs-Begrenzer-Dioden für ESD-Schutzschaltungen (AEC-Q101)
Version 2013-12-02
Dimensions - Maße [mm]
1 = C1
2 = C2
3 = A1/A2
Peak pulse power dissipation
Maximale Verlustleistung
300 W
Nominal stand-off voltage
Nominale Sperrspannung
36 V
Plastic case
Kunststoffgehäuse
~ SOT-23
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics
Grenz- und Kennwerte
ESD36CA-Q
Peak pulse power dissipation (8/20 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 8/20 µs)
TA = 25°C
PPPM
300 W 1)
ESD immunity (HBM, air discharge, IEC 61000-4-2)
ESD-Festigkeit (HBM, Luftentladung, IEC 61000-4-2)
VPP
30 kV
Max. junction capacitance – Max. Sperrschichtkapazität
CT
60 pF
Junction temperature − Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55...+150°C
Marking – Stempelung
ESD36CA = 36C
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage
Abbruch-Spannung
at / bei IT = 1 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (8/20 µs)
VWM [V]
ID [µA]
VBR min [V]
VC [V]
IPPM [A]
VC [V]
IPPM [A]
ESD36CA-Q
36
1
40
60
1
75
5
1
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9
2
1
3


Similar Part No. - ESD36CA-Q_13

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD36CA DIOTEC-ESD36CA Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD36CA DIOTEC-ESD36CA Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD36CA DIOTEC-ESD36CA Datasheet
182Kb / 2P
   ESD Protection Diodes in SMD
More results

Similar Description - ESD36CA-Q_13

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Sanyo Semicon Device
SD05T1 SANYO-SD05T1_12 Datasheet
58Kb / 4P
   Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
ESD9FN24 FORMOSA-ESD9FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN3.3C FORMOSA-ESD9FN3.3C Datasheet
59Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
ESD9FN12C FORMOSA-ESD9FN12C Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com