Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD3B5V0WS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ESD3B5V0WS
Description  Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD3B5V0WS Datasheet(HTML) 1 Page - Diotec Semiconductor

  ESD3B5V0WS Datasheet HTML 1Page - Diotec Semiconductor ESD3B5V0WS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESD3B5V0WS, ESD3B24WS
ESD3B5V0WS, ESD3B24WS
Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
Bidirektionale Spannungs-Begrenzer-Dioden für ESD-Schutzschaltungen
Version 2014-11-04
Dimensions - Maße [mm]
Peak pulse power dissipation
Maximale Verlustleistung
350 W
Nominal stand-off voltage
Nominale Sperrspannung
5.0 ... 24 V
Plastic case
Kunststoffgehäuse
~ SOD-323
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics
Grenz- und Kennwerte
ESD3Z-series
Peak pulse power dissipation (8/20 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 8/20 µs)
TA = 25°C
PPPM
350 W 1)
ESD immunity (HBM, air discharge, IEC 61000-4-2)
ESD-Festigkeit (HBM, Luftentladung, IEC 61000-4-2)
VPP
30 kV
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
ESD3B5V0WS
ESD3B12WS
ESD3B15WS
ESD3B24WS
CT
CT
CT
CT
200 pF
100 pF
75 pF
50 pF
Junction temperature − Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+125°C
-50...+150°C
Marking – Stempelung
ESD3B5V0WS
ESD3B12WS
ESD3B15WS
ESD3B24WS
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage
Abbruch-Spannung
at / bei IT = 1 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (8/20 µs)
VWM [V]
ID [µA]
VBR min [V]
VC [V]
IPPM [A]
VC [V]
IPPM [A]
ESD3B5V0WS
5.0
10
6
9.8
5
14.5
24
ESD3B12WS
12
1
13.3
19
5
24
15
ESD3B15WS
15
1
16.7
24
5
29
12
ESD3B24WS
24
1
26.7
40
5
44
8
1
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
© Diotec Semiconductor AG
http://www.diotec.com/
1
2.5±0.2
Type
Code
1.7±0.1


Similar Part No. - ESD3B5V0WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
404Kb / 3P
   ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
2023-01-17
ESD3B5V0WS DIOTEC-ESD3B5V0WS_18 Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
ESD3B5V0WS DIOTEC-ESD3B5V0WS_V01 Datasheet
404Kb / 3P
   ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
2023-01-17
More results

Similar Description - ESD3B5V0WS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD5B5.0ST1G ONSEMI-ESD5B5.0ST1G Datasheet
60Kb / 3P
   Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
November, 2006 ??Rev. 1
logo
Infineon Technologies A...
ESD203-B1-02ELS INFINEON-ESD203-B1-02ELS Datasheet
842Kb / 14P
   Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
   Transient Voltage Suppressors for ESD Protection (Bi-directional)
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
FutureWafer Tech Co.,Lt...
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
   Quad Bi-Directional Transient Suppressor For ESD array
logo
First Silicon Co., Ltd
FTV03G2B FS-FTV03G2B Datasheet
177Kb / 4P
   Bi-directional ESD Protection Diodes
FTV05G2B FS-FTV05G2B Datasheet
181Kb / 4P
   Bi-directional ESD Protection Diodes
logo
Taiwan Semiconductor Co...
TESDUB5V0 TSC-TESDUB5V0 Datasheet
188Kb / 3P
   Bi-directional ESD Protection Diodes
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com