Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB35-12 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DB35-12
Description  Three-Phase Si-Bridge-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DB35-12 Datasheet(HTML) 2 Page - Diotec Semiconductor

  DB35-12 Datasheet HTML 1Page - Diotec Semiconductor DB35-12 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB35-005 ... DB35-16
Maximum ratings
Grenzwerte
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
120 A 1)
Peak forward surge current 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
450 A
Peak forward surge current 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
500 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
1000 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Characteristics
Kennwerte
Max. current with cooling fin 300 cm²
Dauergrenzstrom mit Kühlblech 300 cm2
TA = 50°C
R-load
C-load
IFAV
IFAV
35 A
35 A
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 17.5 A
VF
< 1.05 V 2)
Leakage current
DB35-005 ... DB35-04
Sperrstrom
DB35-06 ... DB35-16
Tj = 25°C
Tj = 25°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 10 µA
Isolation voltage terminals to case
Isolationsspannung Anschlüsse zum Gehäuse
VISO
> 2500 V
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1.8 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
10-32 UNF
M5
18 ± 10% lb.in.
2 ± 10% Nm
1
Valid, if the temperature of the case is kept to TC = 120°C – Gültig, wenn die Gehäusetemperatur auf TC = 120°C gehalten wird
2
Valid per diode – Gültig pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
10
10
10
1
10
3
2
-1
[A]
I
F
T = 25°C
j
T = 125°C
j
450a-(17a-1,05v)


Similar Part No. - DB35-12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DB35-12 DIOTEC-DB35-12 Datasheet
177Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB35-12 SEMIKRON-DB35-12 Datasheet
256Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DB35-12 DIOTEC-DB35-12 Datasheet
97Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-12 SEMIKRON-DB35-12 Datasheet
260Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DB35-12

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI20-04B DIOTEC-DBI20-04B_15 Datasheet
130Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com