Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUAN1313-KT657N3-36204 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # XUAN1313-KT657N3-36204
Description  36V/4W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1313-KT657N3-36204 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  XUAN1313-KT657N3-36204 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1313-KT657N3-36204 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DATASHEET
XUAN1313
36V/4W Series
5
Copyright © 2013, Everlight All Rights Reserved. Release Date:November.27.2013. Issue No: DHE-0002280 Rev:4
www.everlight.com
PN of the XUAN1313 Series : White LEDs
Color
Order Code of XUAN1313
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
CCT (K)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(min.)
XUAN1313-KM277K9-36204-390T
425
510
27K-1~27K-4
33.0~41.0
120
80
XUAN1313-KM307N1-36204-390T
450
535
30K-1~30K-4
33.0~41.0
120
80
XUAN1313-KM357N2-36204-390T
475
550
35K-1~35K-4
33.0~41.0
120
80
XUAN1313-KM407N3-36204-390T
500
565
40K-1~40K-4
33.0~41.0
120
80
XUAN1313-KM457N3-36204-390T
500
575
45K-1~45K-4
33.0~41.0
120
80
XUAN1313-KT507N3-36204-390T
500
585
50K-1~50K-4
33.0~41.0
120
80
XUAN1313-KT577N3-36204-390T
500
590
57K-1~57K-4
33.0~41.0
120
80
XUAN1313-KT657N3-36204-390T
500
590
65K-1~65K-4
33.0~41.0
120
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Luminous flux measurement tolerance: ±10%.
3.
The data of luminous flux measured at thermal pad=25
4.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.
Warm
White
2700
Warm
White
3000
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Cool
White
5700
Cool
White
6500


Similar Part No. - XUAN1313-KT657N3-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results

Similar Description - XUAN1313-KT657N3-36204

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KT507N3-36204 EVERLIGHT-XUAN1313-KT507N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KT577N3-36204 EVERLIGHT-XUAN1313-KT577N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KM457N3-36204 EVERLIGHT-XUAN1313-KM457N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KM407N3-36204 EVERLIGHT-XUAN1313-KM407N3-36204 Datasheet
1Mb / 24P
   36V/4W series
XUAN1313-KM277K9-36204 EVERLIGHT-XUAN1313-KM277K9-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM307N1-36204 EVERLIGHT-XUAN1313-KM307N1-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
XUAN1313-KM357N2-36204 EVERLIGHT-XUAN1313-KM357N2-36204 Datasheet
1Mb / 24P
   XUAN 1313 36V/4W series
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
   36V 4W No-Opto Isolated Flyback Converter
logo
Everlight Electronics C...
JU1215-KT507K6-09804-450T EVERLIGHT-JU1215-KT507K6-09804-450T Datasheet
1Mb / 27P
   9V/4W 3S8P Series
JU1215-KT577K6-09804-450T EVERLIGHT-JU1215-KT577K6-09804-450T Datasheet
1Mb / 27P
   9V/4W 3S8P Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com