Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XI3535-KT657J1-03201-000P Datasheet(PDF) 17 Page - Everlight Electronics Co., Ltd

Part No. XI3535-KT657J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XI3535-KT657J1-03201-000P Datasheet(HTML) 17 Page - Everlight Electronics Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP- XI3535
1W Series
17 Copyright © 2012, Everlight All Rights Reserved. Release Date:May.28.2013 Issue No: DHE-0002027
www.everlight.com
Pad Configuration
TOP VIEW
BOTTOM VIEW
PAD
FUNCTION
1
ANODE
2
CATHODE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn