Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XI3535-KT657J1-03201-000P Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. XI3535-KT657J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KT657J1-03201-000P Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  XI3535-KT657J1-03201-000P Datasheet HTML 1Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 2Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 3Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 4Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 5Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 6Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP - XI3535
1W Series
5 Copyright © 2012, Everlight All Rights Reserved. Release Date: Jun.19.2013 Issue No: DHE-0002027
www.everlight.com
PN of the XI3535 series: Warm White LEDs
Order Code of XI 3535
Min.
Luminous
Flux
(lm)
Typ.
Luminous
Flux
(lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(Min.)
XI3535-KM277F9-03201-000P
90
100
27K-1,27K-2
27K-3,27K-4
2.95-3.85
350
80
XI3535-KM307F9-03201-000P
90
104
30K-1,30K-2
30K-3,30K-4
2.95-3.85
350
80
XI3535-KM357F9-03201-000P
90
105
35K-1,35K-2
35K-3,35K-4
2.95-3.85
350
80
XI3535-HM307F8-03201-000P
80
84
30K-1,30K-2
30K-3,30K-4
2.95-3.85
350
93
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet
4.
The CRI value is based on the Everlight testing instrument.
5.
CRI measurement tolerance: ±2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn