Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XI3535-KT657J1-03201-000P Datasheet(PDF) 24 Page - Everlight Electronics Co., Ltd

Part No. XI3535-KT657J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XI3535-KT657J1-03201-000P Datasheet(HTML) 24 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP- XI3535
1W Series
24 Copyright © 2012, Everlight All Rights Reserved. Release Date:May.28.2013 Issue No: DHE-0002027
www.everlight.com
Reliability Data
Stress Test
Stress Condition
Stress Duration
Reflow
Tsol=260℃, 10sec
3 times
Thermal Shock
H:+100℃ 20min.
'∫ 10sec.
'L:-
10℃
20min.
500,1000 Cycles
Power Temperature Cycle
H:+85℃ 15min.
'∫ 5min.
'L:- 40℃ 15min.
IF=350mA
500,1000 Cycles
High Temperature/Humidity
Operation
Ta=85℃ , RH=85%, IF=225mA
1000hours
Room Temperature Operation
Life
Ta=25℃, IF=350mA
1000hours
High Temperature Operation
Life #1
Ta=55℃, IF=350mA
1000hours
High Temperature Operation
Life #2
Ta=85℃, IF=225mA
1000hours
Low Temperature Operation
Life
Ta=-40℃, IF=350mA
1000hours
Pulse
30ms ON/2500ms OFF / 30000 Cycles
IF=720mA
30ms ON/2500ms OFF /
30000 Cycles
Failure Criteria:
1. LEDs are open or shorted
2. lm: luminous flux attenuate difference(1000hrs)>50%
3. VF: forward voltage difference(1000hrs)>20%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn