Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XI3535-KT657J1-03201-000P Datasheet(PDF) 23 Page - Everlight Electronics Co., Ltd

Part No. XI3535-KT657J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KT657J1-03201-000P Datasheet(HTML) 23 Page - Everlight Electronics Co., Ltd

Back Button XI3535-KT657J1-03201-000P Datasheet HTML 18Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 19Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 20Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 21Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 22Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 23Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 24Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 25Page - Everlight Electronics Co., Ltd XI3535-KT657J1-03201-000P Datasheet HTML 26Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP- XI3535
1W Series
23 Copyright © 2012, Everlight All Rights Reserved. Release Date:May.28.2013 Issue No: DHE-0002027
www.everlight.com
Emitter Reel Packaging
Reel Dimensions
Notes:
1.
Dimensions are in millimeters.
2.
Tolerances unless mentioned are ±0.1mm.
Product Labeling
Label Explanation
CPN: Customer Specification (when required)
P/N : Everlight Production Number
QTY: Packing Quantity
CAT: Luminous Flux (Brightness) Bin
HUE: Color Bin
REF: Forward Voltage Bin
LOT No: Lot Number
MADE IN TAIWAN: Production Place


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn