Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XI3535-KT657J1-03201-000P Datasheet(PDF) 21 Page - Everlight Electronics Co., Ltd

Part No. XI3535-KT657J1-03201-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XI3535-KT657J1-03201-000P Datasheet(HTML) 21 Page - Everlight Electronics Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LifecyclePhase:
Revision
: 10
Expired Period: Forever
Release Date:2013-06-25 13:54:11.0
DATASHEET
HP- XI3535
1W Series
21 Copyright © 2012, Everlight All Rights Reserved. Release Date:May.28.2013 Issue No: DHE-0002027
www.everlight.com
Forward Current Derating Curve
@ Junction Temperature <115℃
0
20
40
60
80
100
100
150
200
250
300
350
400
Soldering Temperature
(oC)
Typical Radiation Patterns
3535 series: Typical Diagram Characteristics of Radiation for Warm-White and
Cool-White
0
10
20
30
40
50
60
70
80
90
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
A
Notes:
1.
1/2 is the off axis angle from lamp centerline where the luminous intensity is 1/2 of the peak value.
2.
View angle tolerance is ± 5∘.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn