Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL3224AC35-06 Datasheet(PDF) 5 Page - NEC

Part No. NL3224AC35-06
Description  14 cm 5.5 Type, 320 x 240 Pixels, Full color, RGB separate input NTSC Conposite input, Incorporated backlight with inverter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

NL3224AC35-06 Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
NL3224AC35-06
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply voltage
VVI
8.5
9.5
10.5
V
for PWRVI terminal
VFL
8.5
9.5
10.5
V
for PWRFL terminal
Composite video signal
VCIN
1.0
V
VCIN-RGB
0.7
VP-P
VCIN-DC
–0.5
0.5
V
Video signal
VI-RGB
0.7
VP-P
VI-DC
–1.0
1.0
V
Super inpose voltage -ON
VIH1
3.15
5.0
V
-OFF
VIL1
0
0.9
V
Logic input voltage
-Low
VIL2
0
0.9
V
-High
VIH2
3.15
5.0
V
Super output voltage -Low
VOL2
0
0.9
V
-High
VOH2
3.15
5.0
V
Supply current
IVI
200
300
mA
@ VVI = 9.5 V
(@ dot-checkered pattern)
IFL
640
800
mA
@ VFL = 9.5 V
Luminance control range
LCNT
10
100
%
6.3 ELECTRICAL CHARACTERISTICS
(1) Power supply, logic input
Ta = 25˚C
for CIN terminal
Zi = 75
for RIN, GIN, BIN terminals
Zi = 75
for SR, SG, SB terminals
CMOS-level
for 240/234, R/L, D/U terminals
CMOS-level
for VOUT, HOUT terminals
CMOS-level


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn