Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL3224AC35-06 Datasheet(PDF) 4 Page - NEC

Part No. NL3224AC35-06
Description  14 cm 5.5 Type, 320 x 240 Pixels, Full color, RGB separate input NTSC Conposite input, Incorporated backlight with inverter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

NL3224AC35-06 Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
NL3224AC35-06
6. SPECIFICATION
6.1 GENERAL SPECIFICATIONS
Item
Specifications
Unit
Module size
134.0
±0.5 (H) × 110.0±0.5 (V) × 16.5 max. (D)
mm
Display area
111.36 (H)
× 83.52 (V)
mm
Number of dots
320
× 3 (H) × 240 (V)
dot
Dot pitch
0.116 (H)
× 0.348 (V)
mm
Pixel pitch
0.348 (H)
× 0.348 (V)
mm
Pixel arrangement
RGB (Red, Green, Blue) vertical stripe
Display colors
Full-color
color
Weight
330 (max.)
g
note : An inverter is incorporated with the module.
6.2 ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Remark
VVI
–0.3 to +20.0
V
VFL
–0.3 to +20.0
V
VCIN-RGB
2.0
VP-P
VCIN-DC
–3.5 to +2.5
V
VINAC
4.0
VP-P
VINDC
–3.0 to +3.0
V
VIN1
–0.5 to +5.5
V
VIN2
–0.5 to +5.0
V
Storage temp.
TST
–40 to +95
˚C
––
Operating temp.
TOP
–30 to +85
˚C
Module surface∗
95% relative humidity
Ta=40˚C
85% relative humidity
Ta=50˚C
Absolute humidity shall not exceed
Ta>50˚C
Ta=50˚C, 85% relative humidity level.
Supply voltage
Humidity
∗ measured at the center of the display area
DC input voltage
(COLOR, HUE
BRIGHT, DIMMER)
DC input voltage
(SR, SG, SB
240/234, R/L, D/U)
Analog RGB
input signal
Composite RGB
input signal
no
condensation
Ta=25˚C
<
=
<
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn