Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL3224AC35-06 Datasheet(PDF) 3 Page - NEC

Part No. NL3224AC35-06
Description  14 cm 5.5 Type, 320 x 240 Pixels, Full color, RGB separate input NTSC Conposite input, Incorporated backlight with inverter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

NL3224AC35-06 Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
NL3224AC35-06
5. BLOCK DIAGRAM
H-driver
Backlight
Inverter
960 lines
TFT LCD PANEL
Signal
processing
board
H : 320 × 3 (R,G,B)
V : 240
CIN
RIN, GIN, BIN
COLOR
HUE
BRIGHT
SR, SG, SB
YS
VS
HS
PWRVI
PWRFL
DIMMER
240 / 234
R/L
D/U
VOUT
HOUT
5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn