Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XI3535-KM407F9-06101-000P Datasheet(PDF) 26 Page - Everlight Electronics Co., Ltd

Part # XI3535-KM407F9-06101-000P
Description  XI3535 1W Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3535-KM407F9-06101-000P Datasheet(HTML) 26 Page - Everlight Electronics Co., Ltd

Back Button XI3535-KM407F9-06101-000P Datasheet HTML 18Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 19Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 20Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 21Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 22Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 23Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 24Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 25Page - Everlight Electronics Co., Ltd XI3535-KM407F9-06101-000P Datasheet HTML 26Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LifecyclePhase:
Revision
: 5
Expired Period: Forever
Release Date:2013-12-26 09:49:25.0
DATASHEET
XI3535(2S)
1W Series
26 Copyright © 2012, Everlight All Rights Reserved. Release Date: Dec.24.2013 Issue No:
DHE-0002142
www.everlight.com
Revision History
Current version: 12.24.2013
Issue No: DHE-0002142
Version: 5
Created by: Betty Hong
Page
Subjects (major change in previous version)
Date of change
P5,P6
Modify the Luminous Flux Bin
May.16.2013
P6
Added the 5700K Color
Aug.23.2013
P15
Change the soldering pad size and added the 4000K Color
Nov-04-2013
MOQ >2Kpcs, multiple of 400pcs per reel, max 1600pcs
MOQ <2Kpcs, multiple of 100pcs per reel, max 1600pcs
Dec-24-2013


Similar Part No. - XI3535-KM407F9-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KM407F9-03201-000P EVERLIGHT-XI3535-KM407F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results

Similar Description - XI3535-KM407F9-06101-000P

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3535-KT657J1-03201-000P EVERLIGHT-XI3535-KT657J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-03201-000P EVERLIGHT-XI3535-KT507J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-06101-000P EVERLIGHT-XI3535-KM277F9-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT577J1-03201-000P EVERLIGHT-XI3535-KT577J1-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM277F9-03201-000P EVERLIGHT-XI3535-KM277F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KT507J1-06101-000P EVERLIGHT-XI3535-KT507J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-KT657J1-06101-000P EVERLIGHT-XI3535-KT657J1-06101-000P Datasheet
600Kb / 26P
   XI3535 1W Series
XI3535-PT577F9-03201-000P EVERLIGHT-XI3535-PT577F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM307F9-03201-000P EVERLIGHT-XI3535-KM307F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM357F9-03201-000P EVERLIGHT-XI3535-KM357F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
XI3535-KM407F9-03201-000P EVERLIGHT-XI3535-KM407F9-03201-000P Datasheet
622Kb / 26P
   XI3535 1W Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com