Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XI3030-KK3C-H5050S1S5S2Z1 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # XI3030-KK3C-H5050S1S5S2Z1
Description  SMD HP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XI3030-KK3C-H5050S1S5S2Z1 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 11Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 12Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 13Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 14Page - Everlight Electronics Co., Ltd XI3030-KK3C-H5050S1S5S2Z1 Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LifecyclePhase:
Revision
: 6
Expired Period: Forever
Release Date:2013-10-16 17:18:46.0
DATASHEET
SMD HP XI3030(2S)
Series
11 Copyright © 2012, Everlight All Rights Reserved. Release Date: Oct.11.2013 Issue No: DSE-0009158 Rev:6
www.everlight.com
Warm-White Bin Structure
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.48
0.37
0.38
0.39
0.40
0.41
0.42
0.43
35K
-G
35K
-F
30K-G
30K-F
27K-G
27K-F
CIE_x
Warm-White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.4813
0.4319
0.4687
0.4289
0.4687
0.4289
0.4562
0.4260
0.4621
0.4169
0.4465
0.4071
0.4667
0.4180
0.4539
0.4088
0.4627
0.4109
0.4576
0.4158
27K-A
0.4700
0.4126
27K-B
0.4621
0.4169
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.4465
0.4071
0.4700
0.4126
0.4373
0.3893
0.4627
0.4109
0.4483
0.3919
0.4588
0.4041
0.4544
0.4030
0.4544
0.4030
0.4502
0.4020
0.4483
0.3919
27K-C
0.4539
0.4088
27K-D
0.4593
0.3944
Reference Range: 2700~2870K
Reference Range: 2580~2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.4667
0.4180
0.4627
0.4109
0.4576
0.4158
0.4539
0.4088
0.4539
0.4088
0.4502
0.4020
27K-F
0.4627
0.4109
27K-G
0.4588
0.4041
Reference Range: 2680~2790K
Reference Range: 2680~2790K


Similar Part No. - XI3030-KK3C-H5050S1S5S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H5757S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5757S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
More results

Similar Description - XI3030-KK3C-H5050S1S5S2Z1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XI3030-KK3C-H4040R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H4040R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H5757S1S5S2Z1 EVERLIGHT-XI3030-KK3C-H5757S1S5S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H6565R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H6565R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP
XI3030-KK3C-H3030R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3030R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
logo
Sumida Corporation
CDRH2D18HPNP-100NC SUMIDA-CDRH2D18HPNP-100NC Datasheet
181Kb / 4P
   SMD Power Inductor CDRH2D18/HP
logo
Everlight Electronics C...
XI3030-KK3C-H3535R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H3535R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP XI3030(2S) Series
XI3030-KK3C-H2727R8S4S2Z1 EVERLIGHT-XI3030-KK3C-H2727R8S4S2Z1 Datasheet
474Kb / 27P
   SMD HP ??XI3030(2S) Series
logo
Marktech Corporate
MTE4600L-HP MARKTECH-MTE4600L-HP Datasheet
1Mb / 4P
   MTE4600L-HP
logo
Meder Electronic
HP24-1A83 MEDER-HP24-1A83 Datasheet
146Kb / 2P
   HP Reed Relay
logo
PHOENIX CONTACT
1212625 PHOENIX-1212625 Datasheet
51Kb / 2P
   Tool - UNIFOX-HP
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com