Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA15A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SA15A
Description  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA15A Datasheet(HTML) 3 Page - Vishay Siliconix

  SA15A Datasheet HTML 1Page - Vishay Siliconix SA15A Datasheet HTML 2Page - Vishay Siliconix SA15A Datasheet HTML 3Page - Vishay Siliconix SA15A Datasheet HTML 4Page - Vishay Siliconix SA15A Datasheet HTML 5Page - Vishay Siliconix SA15A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SA5.0A thru SA170CA
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
3
Document Number: 88378
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
Fig. 4 - Maximum Non-Repetitive Forward Surge Current
Uni-Directional Only
ORDERING INFORMATION (Example)
PREFERRED PIN
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SA5.0A-E3/54
0.432
54
4000
13" diameter paper tape and reel
SA5.0AHE3/54 (1)
0.432
54
4000
13" diameter paper tape and reel
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
0.1
1.0
10
30
td - Pulse Width
t
d
t
d
t
d
Current Waveforms
Impulse
Exponential
Decay
Half Sine
Square
P
PK
”0.5”
P
PK
P
PK
t
d = 7 tp
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
100
50
0
t - Time (ms)
0
1.0
2.0
3.0
4.0
150
t
d
t
r = 10 µs
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
200
100
10
1
10
100
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave


Similar Part No. - SA15A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA15A MCC-SA15A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Motorola, Inc
SA15A MOTOROLA-SA15A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA15A CHENDA-SA15A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SA15A SOCAY-SA15A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA15A LITTELFUSE-SA15A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

Similar Description - SA15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com