Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM62W16255HC Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part No. HM62W16255HC
Description  4M High Speed SRAM (256-kword x 16-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HM62W16255HC Datasheet(HTML) 17 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
HM62W16255HC Series
17
HM62W16255HCTT/HCLTT Series (TTP-44DE)
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
TTP-44DE
0.43 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.13 M
0.10
0.80
44
23
122
18.41
18.81 Max
*0.27
± 0.07
11.76
± 0.20
0
° – 5°
1.005 Max
0.50
± 0.10
0.80
0.25
± 0.05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn