Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62W16255HC Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM62W16255HC
Description  4M High Speed SRAM (256-kword x 16-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W16255HC Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM62W16255HC Datasheet HTML 4Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 5Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 6Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 7Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 8Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 9Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 10Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 11Page - Hitachi Semiconductor HM62W16255HC Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HM62W16255HC Series
8
AC Characteristics (Ta = 0 to +70
°C, V
CC = 3.3 V ± 0.3 V, unless otherwise noted.)
Test Conditions
• Input pulse levels: 3.0 V/0.0 V
• Input rise and fall time: 3 ns
• Input and output timing reference levels: 1.5 V
• Output load: See figures (Including scope and jig)
Output load (B)
(for tCLZ, tOLZ, tLBLZ, tUBLZ, tCHZ, tOHZ,
tLBHZ, tUBHZ, tWHZ, and tOW)
Dout
353
319
3.3 V
5 pF
1.5 V
30 pF
Dout
RL=50
Output load (A)
Zo=50
Read Cycle
HM62W16255HC
-10
Parameter
Symbol
Min
Max
Unit
Notes
Read cycle time
t
RC
10
ns
Address access time
t
AA
—10
ns
Chip select access time
t
ACS
—10
ns
Output enable to output valid
t
OE
—5
ns
Byte select to output valid
t
LB, tUB
—5
ns
Output hold from address change
t
OH
3—
ns
Chip select to output in low-Z
t
CLZ
3
ns
1
Output enable to output in low-Z
t
OLZ
0
ns
1
Byte select to output in low-Z
t
LBLZ, t UBLZ
0
ns
1
Chip deselect to output in high-Z
t
CHZ
5
ns
1
Output disable to output in high-Z
t
OHZ
5
ns
1
Byte deselect to output in high-Z
t
LBHZ, t UBHZ
5
ns
1


Similar Part No. - HM62W16255HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255HCI HITACHI-HM62W16255HCI Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
HM62W16255HCJPI-12 HITACHI-HM62W16255HCJPI-12 Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
HM62W16255HCTTI-12 HITACHI-HM62W16255HCTTI-12 Datasheet
86Kb / 17P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 쨈 16-bit)
More results

Similar Description - HM62W16255HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
   4M high Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0414D RENESAS-R1LV0414D Datasheet
478Kb / 14P
   4M SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com