Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62V16258BLTT-8 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM62V16258BLTT-8
Description  4 M SRAM (256-kword x 16-bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62V16258BLTT-8 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM62V16258BLTT-8 Datasheet HTML 2Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 3Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 4Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 5Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 6Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 7Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 8Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 9Page - Hitachi Semiconductor HM62V16258BLTT-8 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HM62V16258B Series
6
DC Characteristics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|—
1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|—
1
µA
CS = V
IH or OE = VIH or WE = VIL or,
LB = UB =V
IH, VI/O = VSS to V CC
Operating current
I
CC
20
mA
CS = V
IL, Others = VIH/VIL, II/O = 0 mA
Average
operating
current
HM62V16258B-7 I
CC1
70
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS = VIL, Others = VIH/VIL
HM62V16258B-8 I
CC1
65
mA
I
CC2
3
15
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS ≤ 0.2 V,
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.3
mA
CS = V
IH
Standby current
I
SB1*
2
—1
40
µA
0 V
≤ Vin
CS
≥ V
CC – 0.2 V
I
SB1*
3
—1
20
µA
Output high voltage
V
OH
2.4
V
I
OH = –1 mA
V
CC – 0.2 —
V
I
OH = –100 µA
Output low voltage
V
OL
0.4
V
I
OL = 2 mA
0.2
V
I
OL = 100 µA
Notes: 1. Typical values are at V
CC = 3.0 V, Ta = +25°C and not guaranteed.
2. This characteristic is guaranteed only for L version.
3. This characteristic is guaranteed only for L-SL version.
Capacitance (Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
C
I/O
10
pF
V
I/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM62V16258BLTT-8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256BLTT-7 HITACHI-HM62V16256BLTT-7 Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256BLTT-7SL HITACHI-HM62V16256BLTT-7SL Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256BLTT-8 HITACHI-HM62V16256BLTT-8 Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256BLTT-8SL HITACHI-HM62V16256BLTT-8SL Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
More results

Similar Description - HM62V16258BLTT-8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI Datasheet
92Kb / 17P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com