Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62G18512BP-5 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM62G18512BP-5
Description  8M Synchronous Fast Static RAM(512k-word x 18-bit)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62G18512BP-5 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM62G18512BP-5 Datasheet HTML 5Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 6Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 7Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 8Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 9Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 10Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 11Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 12Page - Hitachi Semiconductor HM62G18512BP-5 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HM62G18512 Series
9
Capacitance (Ta = 25
°C, f = 1 MHz)
Parameter
Symbol
Min
Max
Unit
Note
Input capacitance (SAn,
SS, SWE, SWEx)C
IN
4
pF
1
Input capacitance (K,
K, G)C
CLK
7
pF
1
Input/Output capacitance (DQxn)
C
IO
5
pF
1
Note:
1. This parameter is sampled and not 100% tested.
AC Characteristics (Ta = 0 to 70
°C, [Tj max = 110°C], V
DD = 3.3 V +10%, –5%)
Test Conditions
• Input pulse levels (K, K): V
DIF = 0.75 V, VCM = 0.75 V
• Input timing reference level (K, K): Differential cross point
• Input pulse levels (except K, K): V
IL = 0.25 V, VIH = 1.25 V
• Input and output timing reference levels (except K, K): V
REF = 0.75 V
• Input rise and fall time: 0.5 ns (10% to 90%)
• Measurement condition: the minimum impedance push pull output buffer mode, I
OH = –6 mA, IOL = 6
mA
• Output driver supply voltage: V
DDQ = 1.5 V
• Output load: See figure
50
16.7
16.7
50
5 pF
DQ
0.75 V
50
16.7
50
5 pF
0.75 V
0.75 V


Similar Part No. - HM62G18512BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-4 HITACHI-HM62G36256BP-4 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
HM62G36256BP-5 HITACHI-HM62G36256BP-5 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
More results

Similar Description - HM62G18512BP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62G36256 HITACHI-HM62G36256 Datasheet
137Kb / 24P
   8M Synchronous Fast Static RAM(256k-word x 36-bit)
logo
Cypress Semiconductor
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
logo
Motorola, Inc
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com