Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL10276BC28-05D Datasheet(PDF) 6 Page - NEC

Part # NL10276BC28-05D
Description  36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL10276BC28-05D Datasheet(HTML) 6 Page - NEC

Back Button NL10276BC28-05D Datasheet HTML 2Page - NEC NL10276BC28-05D Datasheet HTML 3Page - NEC NL10276BC28-05D Datasheet HTML 4Page - NEC NL10276BC28-05D Datasheet HTML 5Page - NEC NL10276BC28-05D Datasheet HTML 6Page - NEC NL10276BC28-05D Datasheet HTML 7Page - NEC NL10276BC28-05D Datasheet HTML 8Page - NEC NL10276BC28-05D Datasheet HTML 9Page - NEC NL10276BC28-05D Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet EN0484EJ1V0DS00
6
NL10276BC28-05D
SUPPLY VOLTAGE SEQUENCE
VCC
0 V
VCC ON
4.75 V
VCC OFF
0.5 V
0 V
Signals*
tr < 80 ms
t > 200 ms
VALID
10 < t < 35 ms
0 < t < 35 ms
* The termination of the signal line is connected to resistance 100
Ω.
Notes 1. Logic signals (synchronous signals and control signals) must be “0” voltage (V), when VCC is not
applied. If input voltage to signal lines is higher than 0.3 V, the internal circuit will be damaged.
2. The supply voltage for input signals should be the same as VCC.
3. Turn on the backlight within the LCD operation period. When the backlight turns on before LCD
operation or the LCD operation turns off before the backlight turns off, the display may momentarily
become white.
4. When the power is off, keep whole signals low level or high impedance.


Similar Part No. - NL10276BC28-05D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NL10276BC20-04C RENESAS-NL10276BC20-04C Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
NL10276BC20-10 RENESAS-NL10276BC20-10 Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
NL10276BC20-10 RENESAS-NL10276BC20-10 Datasheet
1Mb / 2P
   NLT Technologies, Ltd. - Exclusive Representative
NL10276BC20-12 RENESAS-NL10276BC20-12 Datasheet
1Mb / 2P
   NLT Technologies, Ltd. - Exclusive Representative
logo
GSR Technology Ltd
NL10276BC20-18 GSR-NL10276BC20-18 Datasheet
268Kb / 2P
   TFT Modules
More results

Similar Description - NL10276BC28-05D

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL6448AC33-18A NEC-NL6448AC33-18A Datasheet
145Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
logo
WAGO Kontakttechnik Gmb...
762-3150-000-003 WAGO-762-3150-000-003 Datasheet
239Kb / 6P
   Control Panel; 38.1 cm (15.0"); 1024 x 768 pixels; CAN, Target Visualization
logo
NEC
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
NL6448BC33-31 NEC-NL6448BC33-31 Datasheet
267Kb / 24P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Wide viewing angle
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com