Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ3642-8D Datasheet(PDF) 10 Page - NEC

Part # NEZ3642-8D
Description  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ3642-8D Datasheet(HTML) 10 Page - NEC

Back Button NEZ3642-8D Datasheet HTML 6Page - NEC NEZ3642-8D Datasheet HTML 7Page - NEC NEZ3642-8D Datasheet HTML 8Page - NEC NEZ3642-8D Datasheet HTML 9Page - NEC NEZ3642-8D Datasheet HTML 10Page - NEC NEZ3642-8D Datasheet HTML 11Page - NEC NEZ3642-8D Datasheet HTML 12Page - NEC NEZ3642-8D Datasheet HTML 13Page - NEC NEZ3642-8D Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
4W/8W C-BAND POWER-GaAs FET NEZ Series
S-PARAMETER
NEZ3642-4D
VDS = 10 V, IDS = 800 mA, VGS = –1.486 V, IG = 0.0 mA, RG = 100
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.957
–129.5
11.354
104.3
0.005
11.4
0.587
180.0
0.200
0.957
–158.1
6.114
82.7
0.007
8.6
0.634
–179.7
0.500
0.960
171.4
2.444
43.0
0.006
12.8
0.700
173.2
1.000
0.968
142.4
1.231
–6.3
0.006
7.1
0.792
156.5
1.500
0.954
112.3
0.949
–50.2
0.009
–2.6
0.824
134.9
2.000
0.931
78.9
1.034
–93.9
0.012
–24.2
0.836
111.9
2.250
0.911
57.5
1.233
–119.1
0.012
–50.6
0.836
98.5
2.500
0.878
28.8
1.590
–148.5
0.012
–77.8
0.808
82.7
2.750
0.827
–10.4
2.182
174.7
0.008
–133.1
0.781
63.7
3.000
0.749
–64.1
2.985
130.2
0.006
109.4
0.704
39.3
3.200
0.699
–113.6
3.665
90.3
0.017
38.8
0.601
12.8
3.300
0.685
–138.9
4.020
69.3
0.023
18.4
0.535
–3.5
3.400
0.676
–163.7
4.356
47.7
0.029
–4.1
0.460
–23.8
3.500
0.664
172.3
4.682
25.3
0.036
–27.0
0.387
–50.4
3.600
0.638
149.2
4.967
2.0
0.044
–48.5
0.342
–83.8
3.700
0.594
126.6
5.181
–21.9
0.050
–71.4
0.337
–122.0
3.800
0.523
103.9
5.295
–46.3
0.058
–94.7
0.364
–157.7
3.900
0.427
80.7
5.316
–70.7
0.063
–119.1
0.401
171.9
4.000
0.315
54.5
5.211
–95.4
0.068
–145.8
0.422
145.3
4.100
0.194
15.8
5.015
–119.5
0.070
–173.0
0.401
122.0
4.200
0.162
–58.7
4.877
–143.0
0.072
158.6
0.329
101.3
4.300
0.295
–119.5
4.622
–168.2
0.069
129.5
0.209
85.3
4.400
0.455
–153.4
4.219
166.7
0.065
104.2
0.089
91.7
4.500
0.590
–176.1
3.774
144.1
0.061
80.8
0.082
172.8
4.600
0.697
165.3
3.344
122.1
0.057
57.5
0.185
–176.1
4.700
0.781
149.2
3.016
101.5
0.053
37.7
0.293
176.4
4.800
0.830
135.4
2.715
82.0
0.050
18.5
0.385
168.0
5.000
0.840
110.0
2.300
42.9
0.047
–16.7
0.525
151.1
6.000
0.980
95.5
0.316
165.9
0.007
158.6
0.982
83.9
NEZ4450-4DD
VDS = 10 V, IDS = 800 mA, VGS = –1.409 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.961
–116.2
11.641
114.8
0.005
24.8
0.627
179.2
0.200
0.964
–149.8
6.618
94.4
0.007
24.1
0.654
175.7
0.500
0.970
177.3
2.841
62.2
0.008
5.1
0.666
164.4
1.000
0.971
150.5
1.555
22.4
0.008
–6.1
0.675
147.8
1.500
0.961
125.8
1.187
–16.3
0.010
–22.0
0.682
128.3
2.000
0.949
102.0
1.079
–55.1
0.012
–52.2
0.699
107.2
2.500
0.929
74.2
1.138
–96.0
0.013
–91.6
0.698
83.6
3.000
0.907
39.2
1.410
–142.0
0.015
–139.5
0.689
57.8
3.500
0.830
–8.9
1.937
162.5
0.019
144.3
0.657
25.8
3.700
0.773
–33.7
2.221
137.5
0.020
122.0
0.628
9.8
3.800
0.742
–47.7
2.383
124.0
0.023
103.5
0.614
0.9
3.900
0.711
–63.6
2.579
109.3
0.025
92.0
0.595
–9.3
4.000
0.685
–81.3
2.684
92.6
0.032
69.8
0.574
–21.1
4.100
0.680
–100.6
2.874
76.5
0.042
61.1
0.551
–34.2
4.200
0.656
–122.2
3.000
59.7
0.054
31.6
0.499
–46.0
4.300
0.632
–142.8
3.114
43.5
0.057
5.1
0.456
–57.1
4.400
0.621
–162.6
3.252
27.4
0.056
–14.4
0.432
–67.1
4.500
0.625
177.7
3.360
10.2
0.055
–32.7
0.417
–79.0
4.600
0.626
158.7
3.452
–8.0
0.056
–47.9
0.400
–91.9
4.700
0.632
140.2
3.484
–25.4
0.057
–65.0
0.389
–104.7
4.800
0.629
122.5
3.471
–43.5
0.059
–79.0
0.375
–117.6
4.900
0.626
105.6
3.493
–60.9
0.063
–96.6
0.368
–129.5
5.000
0.619
88.9
3.482
–78.3
0.064
–114.0
0.363
–140.1
5.100
0.606
72.2
3.458
–96.9
0.068
–130.2
0.359
–150.1
5.200
0.591
54.0
3.463
–115.6
0.070
–148.7
0.357
–158.4


Similar Part No. - NEZ3642-8D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15DD NEC-NEZ3642-15DD Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

Similar Description - NEZ3642-8D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com