Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628512BFP-5 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM628512BFP-5
Description  4 M SRAM (512-kword x 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628512BFP-5 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM628512BFP-5 Datasheet HTML 1Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 2Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 3Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 4Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 5Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 6Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 7Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 8Page - Hitachi Semiconductor HM628512BFP-5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HM628512BFP Series
4 M SRAM (512-kword
× 8-bit)
ADE-203-1078B (Z)
Rev. 2.0
Nov. 23, 1999
Description
The Hitachi HM628512BFP is a 4-Mbit static RAM organized 512-kword
× 8-bit. It realizes higher density,
higher performance and low power consumption by employing Hi-CMOS process technology. It is packaged
in standard 32-pin SOP.
Features
• Single 5 V supply
• Access time: 55/70 ns (max)
• Power dissipation
 Active: 50 mW/MHz (typ)
 Standby: 2 mW (max)
• Completely static memory. No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state output
• Directly TTL compatible: All inputs and outputs
Ordering Information
Type No.
Access time
Package
HM628512BFP-5
HM628512BFP-7
55 ns
70 ns
525-mil 32-pin plastic SOP (FP-32D)


Similar Part No. - HM628512BFP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLFP-5 HITACHI-HM628512BLFP-5 Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLFP-5SL HITACHI-HM628512BLFP-5SL Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512BLFP-5UL HITACHI-HM628512BLFP-5UL Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM628512BFP-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com