Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6264BLFP-10LT Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM6264BLFP-10LT
Description  64 k SRAM (8-kword x 8-bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264BLFP-10LT Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM6264BLFP-10LT Datasheet HTML 1Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 2Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 3Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 4Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 5Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 6Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 7Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 8Page - Hitachi Semiconductor HM6264BLFP-10LT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HM6264B Series
64 k SRAM (8-kword
× 8-bit)
ADE-203-454B (Z)
Rev. 2.0
Nov. 1997
Description
The Hitachi HM6264B is 64k-bit static RAM organized 8-kword
× 8-bit. It realizes higher performance
and low power consumption by 1.5
µm CMOS process technology. The device, packaged in 450 mil
SOP (foot print pitch width), 600 mil plastic DIP, 300 mil plastic DIP, is available for high density
mounting.
Features
• High speed
Fast access time: 85/100 ns (max)
• Low power
Standby: 10
µW (typ)
Operation: 15 mW (typ) (f = 1 MHz)
• Single 5 V supply
• Completely static memory
No clock or timing strobe required
• Equal access and cycle times
• Common data input and output
Three state output
• Directly TTL compatible
All inputs and outputs
• Battery backup operation capability


Similar Part No. - HM6264BLFP-10LT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264BLFPI-10T HITACHI-HM6264BLFPI-10T Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLFPI-12T HITACHI-HM6264BLFPI-12T Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
More results

Similar Description - HM6264BLFP-10LT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
   64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
   256 k High Speed SRAM (32-kword 8-bit)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com