Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM6264BLPI-12 Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part # HM6264BLPI-12
Description  64k SRAM (8-kword x 8-bit) Wide Temperature Range version
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6264BLPI-12 Datasheet(HTML) 17 Page - Hitachi Semiconductor

Back Button HM6264BLPI-12 Datasheet HTML 9Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 10Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 11Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 12Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 13Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 14Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 15Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 16Page - Hitachi Semiconductor HM6264BLPI-12 Datasheet HTML 17Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
HM6264BI Series
17
Revision Record
Rev.
Date
Contents of Modification
Drawn by
Approved by
0.0
Dec. 1, 1995
Initial issue
I. Ogiwara
K. Yoshizaki
1.0
Sep. 5, 1996
Deletion of Preliminary
I. Ogiwara
K. Imato
2.0
Feb. 9, 1998
Change of subtitle
Change of FP-28DA
I. Ogiwara
K. Imato
3.0
May. 8, 2000
Low V
CC Data Retention Characteristics
Note 2: V
IL min = −0.3 V to
10
µA max at Ta = –40 to + 40°C


Similar Part No. - HM6264BLPI-12

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264BLP-10L HITACHI-HM6264BLP-10L Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
HM6264BLP-8L HITACHI-HM6264BLP-8L Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
More results

Similar Description - HM6264BLPI-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM62V8100L RENESAS-HM62V8100L Datasheet
110Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM62V8100I RENESAS-HM62V8100I_09 Datasheet
924Kb / 16P
   Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16512I RENESAS-HM62V16512I Datasheet
97Kb / 19P
   WIDE TEMPERATURE RANGE VERSION 8 M SRAM (512-KWORD X 16-BIT)
HM6216514I RENESAS-HM6216514I Datasheet
98Kb / 18P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
logo
Hitachi Semiconductor
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com