Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP302C-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP302C-Q1
Description  TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302C-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP302C-Q1 Datasheet HTML 6Page - Texas Instruments TMP302C-Q1 Datasheet HTML 7Page - Texas Instruments TMP302C-Q1 Datasheet HTML 8Page - Texas Instruments TMP302C-Q1 Datasheet HTML 9Page - Texas Instruments TMP302C-Q1 Datasheet HTML 10Page - Texas Instruments TMP302C-Q1 Datasheet HTML 11Page - Texas Instruments TMP302C-Q1 Datasheet HTML 12Page - Texas Instruments TMP302C-Q1 Datasheet HTML 13Page - Texas Instruments TMP302C-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Time (5 µs/div)
OUT
VS
Time (10 ms/div)
OUT
VS
TMP302x-Q1
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
0.1 µF
OUTPUT
VS
1.4 V to 3.6 V
10 k
TMP302A-Q1, TMP302B-Q1, TMP302C-Q1, TMP302D-Q1
SLOS889A – OCTOBER 2014 – REVISED NOVEMBER 2014
www.ti.com
Typical Application (continued)
Figure 11. TMP302x-Q1 Generic Application Schematic
9.2.1 Design Requirements
Designing with the TMP302x-Q1 family of devices is simple, See Figure 10 and Figure 11 for typical circuit
configurations.
9.2.2 Detailed Design Procedure
Determine the threshold temperature and hysteresis required for the application. Connect the TMPSET0,
TMPSET1 and HYSTSET pins according to the application requirements. Refer to Table 1 and Table 2. Use a
10-k
Ω pullup resistor from the OUT pin to the VS pin. To minimize power, a larger-value pullup resistor can be
used but must not exceed 100 k
Ω. Place a 0.1-µF bypass capacitor close to the TMP302x-Q1 device to reduce
noise coupled from the power supply.
9.2.3 Application Curves
Figure 12 and Figure 13 show the TMP302A-Q1 power on response with the ambient temperature less than
50°C and greater than 50°C respectively. The TMP302A-Q1 was configured with trip point set to 50°C, .
TMP302B,C and D parts behave similarly with regards to power on response with TA below or above the trip
point. Note that the OUT signal typically requires 35 ms following power on to become valid.
Figure 12. TMP302A-Q1 Power-On Response, TA Less than
Figure 13. TMP302A-Q1 Power-On Response, TA Greater
50°C
than 50°C
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP302A-Q1 TMP302B-Q1 TMP302C-Q1 TMP302D-Q1


Similar Part No. - TMP302C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Similar Description - TMP302C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
   Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
   Easy to Use Power Bank Solution
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com