Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ7177-4D Datasheet(PDF) 6 Page - NEC

Part # NEZ7177-4D
Description  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ7177-4D Datasheet(HTML) 6 Page - NEC

Back Button NEZ7177-4D Datasheet HTML 2Page - NEC NEZ7177-4D Datasheet HTML 3Page - NEC NEZ7177-4D Datasheet HTML 4Page - NEC NEZ7177-4D Datasheet HTML 5Page - NEC NEZ7177-4D Datasheet HTML 6Page - NEC NEZ7177-4D Datasheet HTML 7Page - NEC NEZ7177-4D Datasheet HTML 8Page - NEC NEZ7177-4D Datasheet HTML 9Page - NEC NEZ7177-4D Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
4W/8W C-BAND POWER-GaAs FET NEZ Series
Test Conditions:
VDS = 10 (V),
ID = 0.8 (A) (RF OFF),
Rg = 200 (
Ω)
OUTPUT POWER vs. FREQUENCY
5.0
f - Frequency - GHz
35
30
25
Pin = 18 dBm
OUTPUT POWER vs. INPUT POWER
20
Pin - Input Power - dBm
40
35
30
Pout
(dBm)
ID
(A)
3
2
1
0
EFF
(%)
50
40
30
20
10
0
Pout
ID
EFF
25
30
Test Conditions:
Freq = 4.7 (GHz), VDS = 10.0 (V),
ID = 1.6 (A), Rg = 100 (
Ω)
NEZ5964-4D, 4DD
Test Conditions:
VDS = 10.0 (V), ID = 0.8 (A) (RF OFF),
Rg = 200 (
Ω), f = 6.175 (GHz)
OUTPUT POWER vs. INPUT POWER
Pout
(dBm)
15
Pin - Input Power - dBm
Pout
ID
35
30
25
ID
(A)
3
2
1
0
EFF
(%)
20
25
50
40
30
20
10
0
EFF
30
Pin = 20 dBm
Pin = 28 dBm
25
40
5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0
NEZ4450-8D/8DD


Similar Part No. - NEZ7177-4D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ7177-4B NEC-NEZ7177-4B Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NEZ7177-4BD NEC-NEZ7177-4BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
More results

Similar Description - NEZ7177-4D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com