Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL10276AC30-01A Datasheet(PDF) 2 Page - NEC

Part # NL10276AC30-01A
Description  38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL10276AC30-01A Datasheet(HTML) 2 Page - NEC

  NL10276AC30-01A Datasheet HTML 1Page - NEC NL10276AC30-01A Datasheet HTML 2Page - NEC NL10276AC30-01A Datasheet HTML 3Page - NEC NL10276AC30-01A Datasheet HTML 4Page - NEC NL10276AC30-01A Datasheet HTML 5Page - NEC NL10276AC30-01A Datasheet HTML 6Page - NEC NL10276AC30-01A Datasheet HTML 7Page - NEC NL10276AC30-01A Datasheet HTML 8Page - NEC NL10276AC30-01A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
NL10276AC30-01A
Data Sheet EN0417EJ1V0DS00
STRUCTURE AND FUNCTIONS
A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving
the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material
in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are
connected to the panel, the backlight assembly is attached to the backside of the panel.
RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix
addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT
cells.
Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when
activated by the data source. By regulating the amount of light passing through the array of red, green, and blue
dots, color images are created with clarity.
BLOCK DIAGRAM
AMP
AIF
G
R
B
G
R
B
AMP
Sync.
Division
HS/CS
Vsync
PLL
Signal
recognition
LEDON
LEDOFF
LED00-12
SEL
UP
DOWN
RESET
VOLSEL
OSDSEL
DDCCLK
DDCDAT
WPRT
BRTVOL
DC/DC
Converter
VDD
(+12 V)
Timing
Controller
OSD
CLK
ON/OFF
Sync.
Sigma
DC/DC
Converter
Inverter
Luminance
(on/off)
VDDB
(+12 V)
GNDB
GND
H-Driver
3072 lines
H: 1024
× 3 (R, G ,B)
V: 768
LCD panel
768 lines
Backlight
LCD module
I/F Board
POWC
VDD
Note Frame is not connected to GND nor GNDB.


Similar Part No. - NL10276AC30-01A

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
More results

Similar Description - NL10276AC30-01A

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL128102AC23-02A NEC-NL128102AC23-02A Datasheet
279Kb / 40P
   39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
logo
AAEON Technology
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com