Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NL10276AC30-01A Datasheet(PDF) 4 Page - NEC

Part No. NL10276AC30-01A
Description  38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

NL10276AC30-01A Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
NL10276AC30-01A
Data Sheet EN0417EJ1V0DS00
GENERAL SPECIFICATIONS
Item
Contents
Unit
Module size
350.0
± 0.6 (H) × 265.0 ± 0.6 (V) × 24.0 (max.) (D)
mm
Display area
304.128 (H)
× 228.096 (V)
mm
Number of dots
1024
× 3 (H) × 768 (V)
dots
Pixel pitch
0.297 (H)
× 0.297 (V)
mm
Dot pitch
0.099 (H)
× 0.297 (V)
mm
Pixel arrangement
RGB (Red, Green, Blue) vertical stripe
Display colors
Full color
color
Weight
1,480 (typ.), 1600 (max.)
g
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Remarks
VDD
–0.3 to + 14
V
Supply voltage
VDDB
–0.3 to + 14
V
Ta = 25°C
Logic input voltage
VIN1
–0.3 to + 5.5
V
R, G, B input voltage
VIN2
–6.0 to + 6.0
V
CLK input voltage
VIN3
–7.0 to + 7.0
V
Ta = 25°C
VDD = 12 V
Storage temp.
TST
–20 to + 60
°C
Operating temp.
TOP
0 to 50
°C
Module surface
Note 1
≤ 95% relative humidity
Ta
≤ 40°C
≤ 85% relative humidity
40 < Ta
≤ 50°C
Humidity
(no condensation)
Absolute humidity shall not exceed Ta = 50°C,
85% relative humidity level.
Ta > 50°C
Notes 1. Measured at the LCD panel (Include own fever)
2. No condensation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn