Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL10276AC30-01A Datasheet(PDF) 3 Page - NEC

Part # NL10276AC30-01A
Description  38 cm 15 inches, 1024 x 768 pixels, Full-color, Multi-scan Function, Built-in backlight with inverter Ultra wide viewing angle
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL10276AC30-01A Datasheet(HTML) 3 Page - NEC

  NL10276AC30-01A Datasheet HTML 1Page - NEC NL10276AC30-01A Datasheet HTML 2Page - NEC NL10276AC30-01A Datasheet HTML 3Page - NEC NL10276AC30-01A Datasheet HTML 4Page - NEC NL10276AC30-01A Datasheet HTML 5Page - NEC NL10276AC30-01A Datasheet HTML 6Page - NEC NL10276AC30-01A Datasheet HTML 7Page - NEC NL10276AC30-01A Datasheet HTML 8Page - NEC NL10276AC30-01A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
NL10276AC30-01A
Data Sheet EN0417EJ1V0DS00
OUTLINE OF CHARACTERISTICS (at room temperature)
Display area
304.128 (H)
× 228.096 (V) mm
Drive system
a-Si TFT active matrix
Display colors
Full-color
Number of pixels
1024
× 768
Pixel arrangement
RGB vertical stripe
Pixel pitch
0.297 (H)
× 0.297 (V) mm
Module size
350.0 (H)
× 265.0 (V) × 23.0 (D) mm (typ.)
Weight
1480 g (typ.)
Contrast ratio
150:1 (typ., perpendicular)
Viewing angle (more than the contrast ratio of 10:1)
• Horizontal: 85
° (typ., left side, right side)
• Vertical
: 85
° (typ., up side, down side)
Optimum grayscale
perpendicular (
γ = 2.2)
Polarizer pencil-hardness
3H (min., JISK5400)
Color gamut
48 % (typ., At center, To NTSC)
Response time
44 ms (typ.), “black” to “white”
Luminance
180 cd/m
2 (typ.)
Input signals
Analog RGB, Vsync and HS
Backlight
Edge light type: Four cold cathode fluorescent lamps with an inverter
<Replacement parts>
Inverter
P/N: 150PW011
Lamp holder set P/N: 150LHS01
Supply voltage
12 V (typ.), 12 V (typ.)
Power consumption
24.7 W (typ.)


Similar Part No. - NL10276AC30-01A

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
More results

Similar Description - NL10276AC30-01A

ManufacturerPart #DatasheetDescription
logo
NEC
NL10276AC30-03 NEC-NL10276AC30-03 Datasheet
281Kb / 40P
   38 cm 15.0 inches, 1024 x 768 pixels, FULL-COLOR, MULTI-SCAN FUNCTION Wide viewing angle
NL10276AC28-02L NEC-NL10276AC28-02L Datasheet
227Kb / 40P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Ultra-wide viewing angle, Multi-scan function, CRT interface board
NL10276AC28-01L NEC-NL10276AC28-01L Datasheet
265Kb / 5P
   36 cm 14.1 inches, 1024 x 768 pixels, Full-color, Multi-scan function, Built-in CRT interface board
NL128102AC23-02A NEC-NL128102AC23-02A Datasheet
279Kb / 40P
   39 cm 15.4 inches, 1280 x 1024 pixels, Full-color, Multi-scan Function Incorporated backlight with inverter
NL10276AC30-04R NEC-NL10276AC30-04R Datasheet
206Kb / 28P
   38 cm 15.0 inches, 1024 x 768 pixels, 262,144 colors, LVDS interface, Wide viewing angle, High luminance
NL3224AC35-10 NEC-NL3224AC35-10 Datasheet
148Kb / 20P
   14 cm 5.5 inches, 320 x 240 Pixels, Full color Incorporated backlight with inverter
NL8060BC31-17 NEC-NL8060BC31-17 Datasheet
243Kb / 9P
   31 cm 12.1 inches, 800 x 600 pixels, 262144 colors High luminance, Wide viewing angle, Reversible scan direction
NL10276BC28-05D NEC-NL10276BC28-05D Datasheet
202Kb / 24P
   36 cm 14.1 inches, 1024 x 768 pixels, 262,144 colors, LVDS Interface, High luminance
NL6448AC33-29 NEC-NL6448AC33-29 Datasheet
177Kb / 28P
   26 cm 10.4 inches, 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
logo
AAEON Technology
AWK-3501 AAEON-AWK-3501 Datasheet
704Kb / 2P
   15??XGA (1024 x 768) Color TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com