Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVC533 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74LVC533
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC533 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LVC533 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 9Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVC533
6
Test Circuit
VCC
VCC
G
LE
Input
Pulse Generator
Z
= 50
out
Output
500
C =
50 pF
L
450
OPEN
GND
S1
50
Scope
Z
= 50
out
1D to 8D
1Q to 8Q
Pulse Generator
Input
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3
±0.3V
Vcc=5.0
±0.5V
*1
See under table
Note:
1.
C
L includes probe and jig capacitance.
Waveforms – 1
Input LE
GND
tPHL
10 %
90 %
tr
tf
10 %
10 %
tr
90 %
10 %
tf
GND
tPLH
VOH
VOL
Input D
Output Q
90 %
90 %
VIH
VIH
Vref
Vref
Vref
Vref


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn