Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVC533 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74LVC533
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC533 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LVC533 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC533 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LVC533
5
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Propagation delay time
t
PLH
2.7
7.0
9.0
ns
D
Q
t
PHL
3.3
±0.3
1.5
5.0
8.0
ns
5.0
±0.5
4.0
6.5
ns
t
PLH
2.7
7.5
10.5
ns
LE
Q
t
PHL
3.3
±0.3
1.5
5.5
9.5
ns
5.0
±0.5
4.0
8.0
ns
Output enable time
t
ZH
2.7
7.5
9.5
ns
GQ
t
ZL
3.3
±0.3
1.5
5.5
8.5
ns
5.0
±0.5
4.0
7.0
ns
Output disable time
t
HZ
2.7
5.0
8.5
ns
GQ
t
LZ
3.3
±0.3
1.5
4.5
7.5
ns
5.0
±0.5
3.5
6.5
ns
Setup time
t
su
2.7
2.0
ns
3.3
±0.3
2.0
ns
5.0
±0.5
2.0
ns
Hold time
t
h
2.7
2.0
ns
3.3
±0.3
2.0
ns
5.0
±0.5
2.0
ns
Pulse width
t
w
2.7
4.0
ns
3.3
±0.3
4.0
ns
5.0
±0.5
4.0
ns
Input capacitance
C
IN
2.7
3.0
pF
Output capacitance
C
O
2.7
15.0
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn