Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB3218T331 Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB3218T331
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T331 Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LB3218T331 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB3218T331 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
80
12
wound01_e-02
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
AVAILABLE INDUCTANCE RANGE
APPLICATIONS
OPERATING TEMP.
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Surface Mounting
・ Mounting and soldering con-
ditions should be checked
beforehand.
・ Applicable soldering process
to those products is reflow
soldering only.
・ Recommended Land Patterns
EXTERNAL DIMENSIONS
LB-series are Wound Chip Inductors having wide line-up, which are suitable
for any circuit designs.
LBC series has large rated current. They contribute to the miniatur-
ization of the power supply circuit.
LBR series has low DC resistance. They contribute to the miniaturiza-
tion of the power supply circuit.
LBMF series has a low loss characteristic.
They are suitable for an anti-noise measure on the power supply circuit
of DSC, DVC, HDD, LCD-TV, mobile phones,PC, game equipments,
various communication equipments and etc..
- 40 ~ 105℃(Including-self-generated heat)
WIRE-WOUND CHIP INDUCTORS (LB SERIES)
L B △ 2
0
1
2
T
1
0
0 △ △ △ △ △
Type
L
W
T
e
Standard Quantity [pcs]
Paper
Tape
Embossed
Tape
LB1608
1.6±0.1
(0.063±0.004)
0.8±0.1
(0.031±0.004)
0.8±0.1
(0.031±0.004)
0.35±0.15
(0.014±0.006)
4000
LBMF1608
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.45±0.15
(0.016±0.006)
3000
LB2012
LBC2012
LBR2012
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.2
(0.020±0.008)
3000
LB2016
LBC2016
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.2
(0.020±0.008)
2000
LB2518
LBC2518
LBR2518
2.5±0.2
(0.098±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.5±0.2
(0.020±0.008)
2000
LB3218
3.2±0.2
(0.128±0.008)
1.8±0.2
(0.071±0.008)
1.8±0.2
(0.071±0.008)
0.6±0.2
(0.024±0.008)
2000
LBC3225
3.2±0.2
(0.128±0.008)
2.5±0.2
(0.098±0.008)
2.5±0.2
(0.098±0.008)
0.6±0.3
(0.024±0.012)
1000
Unit:mm(inch)
Type
LB
Wound chip inductor
Internal code
Special
code
△ Standard
products
R
Low Rdc
type
External Dimensions
〔mm〕
1608(0603) 1.6×0.8
2012(0805) 2.0×1.25
2016(0806) 2.0×1.6
2518(1007) 2.5×1.8
3218(1207) 3.2×1.8
3225(1210) 3.2×2.5
Nominal
Inductance〔μH〕
example
1R0
1
100
10
101
100
※R=decimal point
Shape
Standard products
C
High current
R
Low Rdc
MF
Low loss
Inductance
Tolerances〔%〕
K
±10
M
±20
Packaging
T
Tape & Reel
Unit:mm
TYPE
A
B
C
1608
0.55
0.7
0.9
MF1608
0.55
0.7
1.0
2012
0.60
1.0
1.45
2016
0.60
1.0
1.8
2518
0.60
1.5
2.0
3218
0.85
1.7
2.0
3225
0.85
1.7
2.7
A
A
C
B
REFLOW
Range
Type
LB1608
LBMF1608
LB2012
LBC2012
LBR2012
LB2016
LBC2016
LB2518
LBC2518
LBR2518
LB3218
LBC3225
1
Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω] Imax.[mA] Rdc±30%[Ω]
160 1μH 0.17 230 1μH 0.09 405 1μH 0.15 620 1μH 0.19 400 1μH 0.07 490 1μH 0.09 690 1μH 0.1 665 1μH 0.06 775 1μH 0.08 960 1μH 0.045 1075 1μH 0.06 1100 1μH 0.055
10
70
0.55
80
0.36 120
0.7 200
1.2 150
0.36 155
0.5 245
0.82 165
0.25 375
0.36 235
0.19 340
0.25 540
0.133
60
0.7
100
10μH
35
2.5
45
7.0
90
5.8
50
4.0
40
4.5
75
8.0
60
2.1 125
3.70 80
1.89 140
2.40 150
1.4
47μH
47μH
1000
100μH
100μH
100μH
100μH
15
24
45
28.0
100μH
39
27
100μH
680μH
1000μH
1000μH


Similar Part No. - LB3218T331

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB3218T331 TAIYO-YUDEN-LB3218T331 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB3218T331 TAIYO-YUDEN-LB3218T331 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB3218T331 TAIYO-YUDEN-LB3218T331 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB3218T331K TAIYO-YUDEN-LB3218T331K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331K TAIYO-YUDEN-LB3218T331K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Similar Description - LB3218T331

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com