Electronic Components Datasheet Search |
|
LBC2016T6R8M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc |
|
LBC2016T6R8M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc |
10 / 13 page 12 wound0103_reli-PRP3 wound0103_reli_e-01 ■ RELIABILITY DATA *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. 10.Body Strength LB, LBC, LBR, LBMF Series No damage. CB, CBC, CBL, CBMF Series LBM, LEM Series 【Test Methods and Remarks】 LB・LBC・LBR・CB・CBC・CBL・LBM・LEM2520 Applied force:10N Duration:10sec. LB1608・LBMF1608・CBMF1608 Applied force:5N Duration:10sec. 11.Adhesion of terminal electrode LB, LBC, LBR, LBMF Series No abnormality. CB, CBC, CBL, CBMF Series LBM, LEM Series 【Test Methods and Remarks】 LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF・LEM2520 Applied force:10N to X and Y directions Duration:5 sec. Test substrate:Printed board LB1608・CBMF1608・LBMF1608 Applied force:5N to X and Y directions Duration:5 sec. Test substrate:Printed board 12.Resistance to vibration LB, LBC, LBR, LBMF Series Inductance change:Within±10% No significant abnormality in appearance. CB, CBC, CBL, CBMF Series LBM, LEM Series Inductance change:Within±5% No significant abnormality in appearance. 【Test Methods and Remarks】 LEM・LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:According to JIS C5102 clause 8.2. Vibration type:A Directions:2 hrs each in X, Y and Z directions. Total:6 hrs Frequency range:10 to 55 to 10 Hz(1min.) Amplitude:1.5mm Mounting method:Soldering onto printed board Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. LEM:Recovery At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs. 13.Drop test LB, LBC, LBR, LBMF Series CB, CBC, CBL, CBMF Series LBM Series LEM Series Inductance change:Within±5% No significant abnormality in appearance. 【Test Methods and Remarks】 LEM: Acceleration:980m/sec2 Duration:6msec Number of times:6 sides × 3 times Mounting method:Soldering onto printed board Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs. LEM:Recovery At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs. 14.Solderability LB, LBC, LBR, LBMF Series At least 90% of surface of terminal electrode is covered by new CB, CBC, CBL, CBMF Series LBM, LEM Series 【Test Methods and Remarks】 LEM: Solder temperature:230±5℃ Duration:5±0.5sec. Flux:Methanol solution with 25% of colophony LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: Solder temperature:245±5℃ Duration:5±0.5sec Flux:Methanol solution with 25% of colophony |
Similar Part No. - LBC2016T6R8M |
|
Similar Description - LBC2016T6R8M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |