Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2016T3R3M Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2016T3R3M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2016T3R3M Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBC2016T3R3M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBC2016T3R3M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
85
12
wound01_e-02
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.


Similar Part No. - LBC2016T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Linear Technology
LBC2016T3R3M LINER-LBC2016T3R3M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Taiyo Yuden (U.S.A.), I...
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2016T3R3M TAIYO-YUDEN-LBC2016T3R3M Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
More results

Similar Description - LBC2016T3R3M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com