Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC16540 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74LVC16540
Description  16-bit Buffers / Line Drivers with 3-state Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC16540 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LVC16540 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC16540 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LVC16540
4
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit Test Conditions
Input voltage
V
IH
2.7 to 3.6
2.0
V
4.5 to 5.5
V
CC×0.7
V
V
IL
2.7 to 3.6
0.8
V
4.5 to 5.5
V
CC×0.3
V
Output voltage
V
OH
2.7 to 5.5
V
CC –0.2
V
I
OH = –100 µA
2.7
2.2
V
I
OH = –12 mA
3.0
2.4
V
3.0
2.0
V
I
OH = –24 mA
4.5
3.8
V
V
OL
2.7 to 5.5
0.2
V
I
OL = 100 µA
2.7
0.4
V
I
OL = 12 mA
3.0
0.55
V
I
OL = 24 mA
4.5
0.55
V
Input current
I
IN
0 to 5.5
±5.0
µAV
IN = 5.5 V or GND
Off state output current
I
OZ
5.5
±10
µAV
IN = VCC, GND
V
OUT = VCC or GND
Quiescent supply current I
CC
5.5
40
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
500
µAV
IN = one input at(VCC–0.6)V,
other inputs at V
CC or GND


Similar Part No. - HD74LVC16540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - HD74LVC16540

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com