Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF144D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SF144D
Description  MultiTech SocketModem Embedded Modem
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SF144D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SF144D Datasheet HTML 1Page - List of Unclassifed Manufacturers SF144D Datasheet HTML 2Page - List of Unclassifed Manufacturers SF144D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MultiTech SocketModem Embedded Modem
Home · Servers & Workstations · Networking · Storage · Software & Solutions
About b2net · Contact b2net
Home » MultiTech » Modems »
MultiTech SocketModem
Embedded Modem
The MultiTech SocketModem family of pin-to-pin compatible modules (formerly
Conexant SocketModem) allow OEMs to integrate a wide range of modem
functions and speeds into any product platform.
Utilizing a variety of SocketModem embedded modem modules, systems
designers can now easily integrate multiple data, fax, and voice modem
features, within a single design
q
Complete data/fax modem solution, including the controller, data pump, and DAA
q
V.90/56K, V.34/33.6K, V.32bis/14.4K or V.22bis/2400 bps modem modules
q
TTL serial or 16550 parallel interface
q
Class 1 and Class 2 faxing at 14.4K
Part Numbers
For the full range of MultiTech systems, modules, parts and upgrades contact
b2net.
MultiTech
SocketModem
Embedded Modem
Get a fast, no-
obligation quote
tailored to your
requirements:
MultiTech Modems
q
CC1600-Series
q
MessageSaver
q
ModemModule IP
q
MulitModemII
q
MultiMobile
q
MultiMobileUSB
q
MultiModem
Embedded Modem
q
MultiModem
q
MultiModemDSL
q
MultiModemDSVD
q
MultiModemISDN
q
MultiModemManager
q
MultiModemUSB
q
MultiModemZBA
q
MultiModemZDX
q
MultiModemZPX
q
SocketModem
q
ZDX Rack Mount
Modem
http://www.b2net.co.uk/multitech/multitech_socketmodem_embedded_modem.htm (1 of 3)24/06/2004 06:52:26 •
Search
Get a Quote...


Similar Part No. - SF144D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF14 DIOTECH-SF14 Datasheet
677Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF14 MOSPEC-SF14 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF14 SAMYANG-SF14 Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF14 TSC-SF14 Datasheet
377Kb / 4P
   Super Fast Rectifiers
logo
GOOD-ARK Electronics
SF14 GOOD-ARK-SF14 Datasheet
227Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SF144D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
C-PCM-24S24G ADVANTECH-C-PCM-24S24G Datasheet
461Kb / 2P
   iDoor Communication Module with a MultiTech Dragonfly??embedded cellular modem
25-May-2020
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Compex Systems Pte. Lte...
WPQ873 COMPEX-WPQ873 Datasheet
1Mb / 10P
   Embedded Board Supporting 5G Cellular Modem
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com