Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC2012T2R2M Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBC2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBC2012T2R2M Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBC2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBC2012T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
12
wound0103_reli-PRP4
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
15.Resistance to soldering
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
CB, CBC, CBL, CBMF Series
LEM Series
Inductance change:Within±5%
LEM2520
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM:
Reflow condition 3 times of reflow over at 220±5℃ for 40sec. MAX, With Peak temperature at 240±5℃ for 5 sec.
MAX.(Refer to a Profile of chart below.)
Flow condition
Solder temperature:260±5℃
Duration:10±1sec. Once
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec.
16.Resisitance to solvent
LB, LBC, LBR, LBMF Series
No significant abnormality in appearance
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
Solvent temperature:Room temperature
Type of solvent:Isopropyl alcohol
Cleaning conditions:90s. Immersion and cleaning.
17.Thermal shock
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
LEM : Conditions for 1cycle
Step
Temperature(℃) Duration(min)
1
ー40
30
2
+85
30
Number of cycle:100 cycle
Recovery:At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: ー40~+85℃, maintain times 30min. ,100 cycle
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
18.Damp heat life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:60±2℃
Humidity:90~95%RH
Duration:1000 hrs
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
19.Loading under damp heat life test
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change :Within±10%
Q→ R12~4R7:30 min.
5R6~330:25 min.
390~820:20 min.
101:15 min.
【Test Methods and Remarks】
Temperature:60±2℃
Humidity:90~95%RH
Duration:1000 hrs
Applied current:Rated current
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.


Similar Part No. - LBC2012T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LBC2012T2R2M TAIYO-YUDEN-LBC2012T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LBC2012T2R2M TAIYO-YUDEN-LBC2012T2R2M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2012T2R2M TAIYO-YUDEN-LBC2012T2R2M Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2012T2R2M TAIYO-YUDEN-LBC2012T2R2M Datasheet
283Kb / 3P
   Wire-wound Chip Inductors (LB series)[LBC]
LBC2012T2R2M TAIYO-YUDEN-LBC2012T2R2M Datasheet
362Kb / 3P
   Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
More results

Similar Description - LBC2012T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com