Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3020B Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3020B
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3020B Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3020B Datasheet HTML 1Page - ON Semiconductor NCP3020B Datasheet HTML 2Page - ON Semiconductor NCP3020B Datasheet HTML 3Page - ON Semiconductor NCP3020B Datasheet HTML 4Page - ON Semiconductor NCP3020B Datasheet HTML 5Page - ON Semiconductor NCP3020B Datasheet HTML 6Page - ON Semiconductor NCP3020B Datasheet HTML 7Page - ON Semiconductor NCP3020B Datasheet HTML 8Page - ON Semiconductor NCP3020B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCP3020A, NCP3020B, NCV3020A, NCV3020B
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (measured vs. GND pin 8, unless otherwise noted)
Rating
Symbol
VMAX
VMIN
Unit
High Side Drive Boost Pin
BST
45
−0.3
V
Boost to VSW differential voltage
BST−VSW
13.2
−0.3
V
COMP
COMP
5.5
−0.3
V
Feedback
FB
5.5
−0.3
V
High−Side Driver Output
HSDR
40
−0.3
V
Low−Side Driver Output
LSDR
13.2
−0.3
V
Main Supply Voltage Input
VCC
40
−0.3
V
Switch Node Voltage
VSW
40
−0.6
V
Maximum Average Current
VCC, BST, HSDRV, LSDRV, VSW, GND
Imax
130
mA
Operating Junction Temperature Range (Note 1)
TJ
−40 to +140
°C
Maximum Junction Temperature
TJ(MAX)
+150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Thermal Characteristics (Note 2)
SOIC−8 Plastic Package
Thermal Resistance Junction−to−Air
RqJA
165
°C/W
Lead Temperature Soldering (10 sec): Reflow (SMD styles only) Pb−Free
(Note 3)
RF
260 Peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
RqJA
2. When mounted on minimum recommended FR−4 or G−10 board
3. 60−180 seconds minimum above 237°C.


Similar Part No. - NCP3020B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3020B ONSEMI-NCP3020B Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3020B ONSEMI-NCP3020B Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020B ONSEMI-NCP3020B Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
More results

Similar Description - NCP3020B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com