Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVC14 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LVC14
Description  Hex Schmitt-trigger Inverters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC14 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74LVC14 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC14 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LVC14
6
Test Circuit
Input
Pulse Generator
Z
= 50
out
VCC
Output
C =
50 pF
L
50
Scope
450
Note:
1.
C
L includes probe and jig capacitance.
Waveforms
VOH
VOL
Input A
10 %
GND
90 %
tr
tf
90 %
10 %
Output Y
tPHL
tPLH
VIH
Vref
Vref
Vref
Vref
V
2.7 V
1.5 V
IH
Vref
TEST
VCC = 2.7 V,
3.3
±0.3 V VCC = 5.0±0.5 V
VCC
50%VCC
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform : PRR = 10 MHz, duty cycle 50%.


Similar Part No. - HD74LVC14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
HD74LVC14FPEL RENESAS-HD74LVC14FPEL Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
HD74LVC14TELL RENESAS-HD74LVC14TELL Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
More results

Similar Description - HD74LVC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com