Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTC2120-121K-RC Datasheet(PDF) 2 Page - Allied Components International

Part # SMTC2120-121K-RC
Description  SMD HIGH CURRENT TOROID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMTC2120-121K-RC Datasheet(HTML) 2 Page - Allied Components International

  SMTC2120-121K-RC Datasheet HTML 1Page - Allied Components International SMTC2120-121K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMTC2120 SMD HIGH CURRENT TOROID
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
REVISED 06/09/11
Inductance vs. Current
IDC (A)
IDC (A)
IDC (A)
IDC (A)
IDC (A)
L(uH)
to decrease L
to decrease L
to decrease L to decrease L to decrease L
by 10%
by 20%
by 30%
by 40%
by 50%
1.0
15.3
24.5
34.4
45.9
61.3
1.2
17.4
27.9
39.2
52.2
69.7
1.5
15.8
25.3
35.6
47.4
63.3
1.8
14.6
23.4
32.9
43.8
58.5
2.2
13.1
21.0
29.5
39.3
52.5
2.7
11.7
18.7
26.3
35.1
46.9
3.3
15.1
24.2
34.0
45.3
60.5
3.9
9.70
15.5
21.8
29.1
38.9
4.7
8.90
14.3
20.0
26.7
35.7
5.6
8.10
13.0
18.2
24.3
32.4
6.8
7.40
11.9
16.7
22.2
29.6
8.2
6.70
10.7
15.1
20.1
26.8
10
6.10
9.77
13.7
18.3
24.4
12
5.60
8.97
12.6
16.8
22.4
15
4.90
7.85
11.0
14.7
19.6
18
4.60
7.37
10.4
13.8
18.4
22
4.10
6.57
9.23
12.3
16.4
27
3.70
5.93
8.33
11.1
14.8
33
3.35
5.37
7.54
10.1
13.4
39
3.10
4.97
6.98
9.30
12.4
47
2.80
4.49
6.30
8.40
11.2
56
2.55
4.09
5.74
7.65
10.2
68
2.35
3.76
5.29
7.05
9.41
82
2.15
3.44
4.84
6.45
8.61
100
1.92
3.08
4.32
5.76
7.69
120
1.75
2.80
3.94
5.25
7.01
150
1.58
2.53
3.56
4.74
6.33
180
1.43
2.29
3.22
4.29
5.73
220
1.30
2.08
2.93
3.90
5.21
270
1.18
1.89
2.66
3.54
4.73
330
1.11
1.78
2.50
3.33
4.45
390
0.97
1.55
2.18
2.91
3.89
470
0.89
1.43
2.00
2.67
3.57
560
0.81
1.30
1.82
2.43
3.24
680
0.74
1.19
1.67
2.22
2.96
820
0.67
1.07
1.51
2.01
2.68
1000
0.61
0.98
1.37
1.83
2.44
Pg. 2 of 2


Similar Part No. - SMTC2120-121K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMTC2120-121K-RC ALLIED-SMTC2120-121K-RC Datasheet
1Mb / 1P
   SMD HIGH CURRENT TOROID
More results

Similar Description - SMTC2120-121K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMTC2120-1R0M-RC ALLIED-SMTC2120-1R0M-RC Datasheet
1Mb / 1P
   SMD HIGH CURRENT TOROID
logo
RENCO ELECTRONICS, INC.
RL-8500 RENCO-RL-8500 Datasheet
1Mb / 3P
   SMD HIGH CURRENT TOROID INDUCTORS
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com