Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LVC125A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74LVC125A
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LVC125A Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LVC125A
4
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.7 to 3.6 2.0
V
4.5 to 5.5 V
CC×0.7
V
V
IL
2.7 to 3.6 —
0.8
V
4.5 to 5.5 —
V
CC×0.3
V
Output voltage
V
OH
2.7 to 5.5 V
CC –0.2 —
V
I
OH = –100 µA
2.7
2.2
V
I
OH = –12 mA
3.0
2.4
V
3.0
2.2
V
I
OH = –24 mA
4.5
3.8
V
V
OL
2.7 to 5.5 —
0.2
V
I
OL = 100 µA
2.7
0.4
V
I
OL = 12 mA
3.0
0.55
V
I
OL = 24 mA
4.5
0.55
V
Input current
I
IN
0 to 5.5
±5.0
µAV
IN = 5.5 VCC GND
Off state output current
I
IOZ
2.7 to 5.5 —
±5.0
µAV
IN = VCC, GND
V
OUT = 5.5 V or GND
Output leak current
I
OFF
0—
20
µAV
IN / V OUT = 5.5 V
Quiescent supply current I
CC
2.7 to 3.6 —
±10
µAV
IN / V OUT = 3.6 to 5.5 V
2.7 to 5.5 —
10
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6 —
500
µAV
IN = one input at (VCC –0.6) V,
other inputs at V
CC or GND


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn