Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEZ3642-4D Datasheet(PDF) 15 Page - NEC

Part # NEZ3642-4D
Description  4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ3642-4D Datasheet(HTML) 15 Page - NEC

Back Button NEZ3642-4D Datasheet HTML 10Page - NEC NEZ3642-4D Datasheet HTML 11Page - NEC NEZ3642-4D Datasheet HTML 12Page - NEC NEZ3642-4D Datasheet HTML 13Page - NEC NEZ3642-4D Datasheet HTML 14Page - NEC NEZ3642-4D Datasheet HTML 15Page - NEC NEZ3642-4D Datasheet HTML 16Page - NEC NEZ3642-4D Datasheet HTML 17Page - NEC NEZ3642-4D Datasheet HTML 18Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
4W/8W C-BAND Power-GaAs FET NEZ Series
NEZ6472-8DD
VDS = 10 V, IDS = 1 100 mA, VGS = –1.686 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.971
–136.9
8.298
106.7
0.004
–16.4
0.801
177.0
0.200
0.975
–161.5
4.465
92.4
0.005
18.2
0.830
175.1
0.500
0.981
174.4
1.859
69.8
0.005
9.8
0.834
165.6
1.000
0.985
153.4
0.991
41.4
0.007
8.5
0.835
151.2
1.500
0.978
133.4
0.703
13.5
0.008
0.8
0.833
136.2
2.000
0.973
115.9
0.579
–13.1
0.010
–13.9
0.838
121.7
2.500
0.962
98.3
0.520
–39.2
0.011
–33.9
0.833
106.5
3.000
0.972
79.4
0.516
–66.4
0.012
–50.9
0.837
90.6
3.500
0.984
59.3
0.547
–95.1
0.014
–72.0
0.837
74.6
4.000
0.973
38.6
0.615
–126.0
0.019
–104.8
0.828
58.0
4.500
0.955
16.7
0.764
–160.9
0.015
–144.0
0.846
39.9
5.000
0.862
–8.2
0.965
162.4
0.020
–175.3
0.819
20.8
5.500
0.720
–42.1
1.344
120.6
0.030
120.1
0.754
–0.4
5.800
0.606
–72.7
1.700
90.8
0.037
80.1
0.692
–17.2
6.000
0.532
–101.1
2.010
68.4
0.047
54.0
0.631
–31.4
6.200
0.477
–137.8
2.353
43.6
0.057
22.0
0.540
–48.7
6.400
0.464
177.9
2.702
15.3
0.070
–10.4
0.421
–71.0
6.500
0.472
156.9
2.837
0.8
0.076
–25.8
0.352
–85.5
6.600
0.486
136.3
2.988
–14.6
0.082
–43.1
0.287
–103.1
6.700
0.491
118.0
3.102
–29.8
0.088
–58.6
0.236
–125.7
6.800
0.488
99.4
3.150
–46.3
0.093
–76.0
0.196
–156.8
6.900
0.475
82.3
3.213
–62.6
0.100
–91.9
0.195
168.9
7.000
0.442
67.0
3.111
–78.6
0.103
–108.9
0.223
139.5
7.100
0.420
49.1
3.135
–95.5
0.105
–126.6
0.262
112.6
7.200
0.364
33.2
3.012
–110.8
0.104
–141.4
0.280
94.7
7.400
0.247
–5.5
2.834
–141.5
0.106
–171.1
0.294
70.1
NEZ7177-8D/8DD
VDS = 10 V, IDS = 1 600 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.965
–134.9
10.517
108.5
0.004
11.1
0.802
178.3
0.200
0.971
–160.1
5.614
94.0
0.006
18.7
0.823
176.2
0.500
0.976
175.6
2.333
72.4
0.007
19.2
0.832
167.3
1.000
0.978
155.2
1.222
46.4
0.009
18.7
0.833
154.9
1.500
0.974
136.0
0.861
20.4
0.012
12.3
0.830
141.2
2.000
0.970
119.2
0.692
–4.1
0.013
–2.3
0.841
127.0
2.500
0.958
102.0
0.604
–28.3
0.017
–18.9
0.843
112.5
3.000
0.966
83.9
0.576
–52.1
0.021
–30.6
0.847
98.9
3.500
0.979
64.2
0.580
–77.3
0.021
–47.0
0.858
85.3
4.000
0.949
45.6
0.590
–106.7
0.025
–64.9
0.872
72.6
4.500
0.927
24.2
0.642
–133.2
0.023
–82.0
0.866
57.2
5.000
0.865
–0.2
0.757
–161.6
0.034
–110.7
0.853
41.6
5.500
0.781
–28.9
0.955
165.9
0.040
–156.0
0.848
24.6
6.000
0.644
–65.4
1.256
127.0
0.041
147.0
0.824
5.9
6.500
0.456
–118.8
1.686
82.5
0.040
81.4
0.779
–16.8
6.700
0.382
–149.5
1.883
62.4
0.043
56.0
0.747
–26.7
6.900
0.335
171.1
2.103
40.0
0.046
32.0
0.698
–38.0
7.100
0.331
129.4
2.268
17.0
0.049
3.6
0.651
–48.8
7.300
0.370
90.1
2.368
–7.1
0.052
–22.0
0.586
–61.5
7.500
0.416
55.7
2.412
–31.4
0.058
–46.3
0.519
–75.3
7.700
0.452
27.0
2.440
–55.1
0.064
–69.1
0.440
–91.6
7.900
0.470
0.1
2.408
–79.4
0.072
–95.9
0.355
–112.1
8.100
0.469
–25.8
2.375
–103.0
0.077
–120.6
0.272
–138.9
8.300
0.451
–51.7
2.307
–127.7
0.082
–144.7
0.199
–177.0
8.500
0.431
–77.8
2.140
–152.2
0.084
–169.9
0.170
132.2
8.700
0.424
–103.6
2.003
–174.2
0.082
170.0
0.176
86.9


Similar Part No. - NEZ3642-4D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15DD NEC-NEZ3642-15DD Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

Similar Description - NEZ3642-4D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com