Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV4051A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74LV4051A
Description  8-channel Analog Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV4051A Datasheet(HTML) 3 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HD74LV4051A
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 7.0
V
Input voltage range*
1
V
I
–0.5 to 7.0
V
Output voltage range*
1, 2
V
O
–0.5 to V
CC + 0.5
V
Output: H or L
Input clamp current
I
IK
–20
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±25
mA
V
O = 0 to VCC
Continuous current through
V
CC or GND
I
CC or IGND
±50
mA
Maximum power dissipation
at Ta = 25
°C (in still air)*3
P
T
785
mW
SOP
500
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded even if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150
°C.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
2.0*
1
5.5
V
Input voltage range
V
I
0
5.5
V
Output voltage range
V
I/O
0V
CC
V
Input transition rise or fall rate
∆t /∆v
0
200
ns/V
V
CC = 2.3 to 2.7 V
0
100
V
CC = 3.0 to 3.6 V
020
V
CC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Notes: Unused or floating inputs must be held high or low.
1. With the supply voltage at or around 2 V, the analog switch on-state loses linearity significantly.
It is recommended that only digital signals be transmitted at these low supply voltages.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn