Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV4051A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74LV4051A
Description  8-channel Analog Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV4051A Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HD74LV4051A
8-channel Analog Multiplexer / Demultiplexer
ADE-205-283 (Z)
1st Edition
April 1999
Description
The HD74LV4051A handles both analog and digital signals, and enables signals of either type with
amplitudes of up to 5.5 V (peak) to be transmitted in either direction (at V
CC = 0 V to 5.5 V).
Applications include signal gating, chopping, modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog conversion systems.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
Function Table
Inputs
INH
C
B
A
On Channel
LL
LL
Y0
LL
LH
Y1
LL
H
L
Y2
LL
H
H
Y3
LH
LL
Y4
LH
LH
Y5
LH
H
L
Y6
LH
H
H
Y7
H
X
X
X
NONE
Note:
H: High level
L: Low level
X: Immaterial


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn