Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL32TTE270 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL32TTE270
Description  1210 molded wirewound inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL32TTE270 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL32TTE270 Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL32TTE270 Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL32TTE270 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KL32
1210 molded wirewound inductor
Part
Designation
Inductance
(µH)
applications and ratings (continued)
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)
Inductance
Tolerance
KL32TTER12*
0.12
KL32TTER15*
0.15
KL32TTER18*
0.18
KL32TTER22*
0.22
KL32TTER27*
0.27
KL32TTER33*
0.33
KL32TTER39*
0.39
KL32TTER47*
0.47
KL32TTER56*
0.56
KL32TTER68*
0.68
KL32TTER82*
0.82
KL32TTE1R0*
1.0
KL32TTE1R2*
1.2
KL32TTE1R5*
1.5
KL32TTE1R8*
1.8
KL32TTE2R2*
2.2
KL32TTE2R7*
2.7
KL32TTE3R3*
3.3
KL32TTE3R9*
3.9
KL32TTE4R7*
4.7
KL32TTE5R6*
5.6
KL32TTE6R8*
6.8
KL32TTE8R2*
8.2
KL32TTE100*
10
KL32TTE120*
12
KL32TTE150*
15
KL32TTE180*
18
KL32TTE220*
22
KL32TTE270*
27
KL32TTE330*
33
KL32TTE390*
39
KL32TTE470*
47
KL32TTE560*
56
KL32TTE680*
68
KL32TTE820*
82
KL32TTE101*
100
KL32TTE121*
120
KL32TTE151*
150
KL32TTE181*
180
KL32TTE221*
220
KL32TTE271*
270
KL32TTE331*
330
20
30
500
0.22
450
0.25
400
0.28
350
0.32
320
0.36
300
0.40
250
0.45
220
0.50
180
0.55
160
0.60
140
0.65
120
0.70
400
100
0.75
390
J: ±5%
K: ±10%
M: ±20%
J: ±5%
K: ±10%
M: ±20%
25.2
7.96
2.52
0.796
85
0.85
370
80
0.90
350
75
1.0
320
70
1.1
290
60
1.2
260
55
1.3
250
50
1.5
220
47
1.6
200
43
1.8
180
40
2.0
170
36
2.1
150
33
2.5
140
30
2.8
130
27
3.3
120
25
3.7
110
20
5.0
80
17
5.6
70
16
6.4
65
15
7.0
60
13
8.0
55
12
9.0
50
11
10
45
10
8
40
11
70
15
65
7
6
5
21
28
34
17
60
50
* Add tolerance character (J, K, M)
For complete environmental specifications, please refer to www.koaspeer.com
Performance Characteristics
Parameter
260°C ± 5°C, 10s ± 1s
∆ L/L: ±3%
Requirements Maximum ∆ L/L
Test Method
Resistance to Soldering Heat
-25°C (1 hour)/ +100°C (1 hour) 100 cycles
∆ L/L: ±5%
Heat Shock
-40°C ± 2°C, 1000h
∆ L/L: ±5%, ∆ Q/Q: ±20%
Low Temperature Operation
100°C ± 2°C, 1000h
∆ L/L: ±5%, ∆ Q/Q: ±30%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
∆ L/L: ±5%, ∆ Q/Q: ±30%
Moisture Exposure
Accordance with MIL-STD-202F Method 215
No damage and marking
shall be legible
Resistance to Solvent
Limit
Typical
∆ L/L: ±1.5%
∆ L/L: ±1.3%
∆ Q/Q: ±5.2%
∆ L/L: ±0.8%
∆ Q/Q: ±5.0%
∆ L/L: ±0.9%
∆ Q/Q: ±5.0%
∆ L/L: ±1.1%
214
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/02/14
450


Similar Part No. - KL32TTE270

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE270 KOA-KL32TTE270 Datasheet
135Kb / 8P
   Chip Inductors
KL32TTE270 KOA-KL32TTE270 Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
More results

Similar Description - KL32TTE270

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE101J KOA-KL32TTE101J Datasheet
266Kb / 2P
   1210 molded wirewound inductor
logo
Ohmite Mfg. Co.
WNBR50FET OHMITE-WNBR50FET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
WHC1K0FET OHMITE-WHC1K0FET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
WHC100FET OHMITE-WHC100FET Datasheet
205Kb / 2P
   Miniature Molded Wirewound
WHAR10FE OHMITE-WHAR10FE Datasheet
119Kb / 1P
   Miniature Molded Wirewound
WND10RFET OHMITE-WND10RFET Datasheet
305Kb / 2P
   Miniature Molded Wirewound
logo
Panasonic Semiconductor
ELJ-LA PANASONIC-ELJ-LA Datasheet
361Kb / 1P
   Resin-Molded Wirewound Power Chip Inductors Expanded Inductor Series
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
logo
Stackpole Electronics, ...
LWF SEI-LWF Datasheet
410Kb / 13P
   Ferrite Wirewound Inductor
8/30/2022
logo
Bourns Electronic Solut...
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com